Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC8 Datasheet(PDF) 1 Page - Recom International Power

Part # REC8
Description  8 Watt DIP24 & SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8 Datasheet(HTML) 1 Page - Recom International Power

  REC8 Datasheet HTML 1Page - Recom International Power REC8 Datasheet HTML 2Page - Recom International Power REC8 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC8
Selection Guide
8 Watt
DIP24 & SMD
Single & Dual
Output
8W DIP24 Package
2KVDC and 3kVDC Isolation Options
2:1 and 4:1 Versions
Continuous Short Circuit Protection
(power limiting)
Synchronous Rectification on 3.3, 5V outputs
Full SMD internal design
Through Hole or SMD Pinning Options
Remote Control Pin
Efficiency to 87%
Features
Regulated
Converters
Part
Input
Output
Output
Efficiency
Max.
Number
Voltage
Voltage
Current
Capacitive
(VDC)
(VDC)
(mA)
(%)
Load
REC8-xx3.3SRW/H*/A/M
4.5-9, 9-18, 18-36, 36-75
3.3
1600
83-85
2200µF
REC8-xx05SRW/H*/A/M
4.5-9, 9-18, 18-36, 36-75
5
1600
85-87
2200µF
REC8-xx12SRW/H*/A/M
4.5-9, 9-18, 18-36, 36-75
12
666
84-86
470µF
REC8-xx15SRW/H*/A/M
4.5-9, 9-18, 18-36, 36-75
15
533
84-86
220µF
REC8-xx05DRW/H*/A/M
9-18, 18-36, 36-75
±5
±800
84
±1000µF
REC8-xx12DRW/H*/A/M
4.5-9, 9-18, 18-36, 36-75
±12
±333
84-86
±220µF
REC8-xx15DRW/H*/A/M
4.5-9, 9-18, 18-36, 36-75
±15
±267
84-86
±100µF
REC8-xx3.3SRWZ/H*/A/M
9-36, 18-75
3.3
1600
84
2200µF
REC8-xx05SRWZ/H*/A/M
9-36, 18-75
5
1600
86
2200µF
REC8-xx12SRWZ/H*/A/M
9-36, 18-75
12
666
85
470µF
REC8-xx15SRWZ/H*/A/M
9-36, 18-75
15
533
85
220µF
REC8-xx05DRWZ/H*/A/M
9-36, 18-75
±5
±800
83
±1000µF
REC8-xx12DRWZ/H*/A/M
9-36, 18-75
±12
±333
85
±220µF
REC8-xx15DRWZ/H*/A/M
9-36, 18-75
±15
±267
85
±100µF
2:1
xx = 4.5-9Vin = 05,
xx = 9-18Vin = 12,
xx = 18-36Vin = 24,
xx = 36-75Vin = 48
* Standard is /H2 for 2kVDC isolation,
use /H3 for 3kVDC Isolation (not SMD)
* add suffix “/SMD” for SMD package, e.g.
REC8-2405SRW/H2/A/M/SMD
* add suffix -R for Tape and Reel packaging (only
available for SMD package)
e.g. REC8-2405SRW/H2/A/M/SMD-R
Description
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The REC8-xxxxSRW/DRW-series offer single and dual regulated outputs in a DIP24 package with
2kV or 3kV isolation options and are suitable for higher power industrial or medical applications.
Remote on/off control is standard and SMD pinning is offered with the /SMD option.
The converters can deliver 150% rated power for short periods of time to cope with applications
with large capacitive loads or high start up currents.
Input Voltage Range
2:1 & 4:1
Input Filter
PI Network
Output Voltage Accuracy
±1.5% max.
Line Voltage Regulation (VL to VH at full load)
±0.5% max.
Load Voltage Regulation
Single
±0.5% max.
(25% to 100% full load )
Dual
±1.2% max.
Cross Regulation (100%: 25% to 100% full load )
±5% max.
Output Ripple and Noise (with 100n output capacitor and 20MHz BW)
50mVp-p max.
Start-up time
300ms typ.
Operating Frequency (Full Load)
330kHz typ.
Efficiency at Full Load
see Selection Guide
Minimum Load
0%
continued on next page
4:1
xx = 9-36Vin = 24,
xx = 18-75Vin = 48
E-224736
RoHS
2011/65/EU
6/6
REV: 1/2015
www.recom-power.com
E-160


Similar Part No. - REC8

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
REC8E-1205S/CTRL/X1 RECOM-REC8E-1205S/CTRL/X1 Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
REC8E-1209S/CTRL/X1 RECOM-REC8E-1209S/CTRL/X1 Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
REC8E-1212D/CTRL/X1 RECOM-REC8E-1212D/CTRL/X1 Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
More results

Similar Description - REC8

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
8 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA_07 Datasheet
94Kb / 4P
8 Watt DIP24 & SMD, Single & Dual Output
RP08-243.3SAW RECOM-RP08-243.3SAW Datasheet
94Kb / 3P
8 Watt DIP24 & SMD, Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
3 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
8 Watt DIP24/SMD Single & Dual Output
RP08-AW RECOM-RP08-AW Datasheet
515Kb / 7P
8 Watt DIP24/SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com