Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

295T320F503C21 Datasheet(PDF) 2 Page - CTS Corporation

Part # 295T320F503C21
Description  Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

295T320F503C21 Datasheet(HTML) 2 Page - CTS Corporation

  295T320F503C21 Datasheet HTML 1Page - CTS Corporation 295T320F503C21 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPER & ELECTRICAL
EFFECTIVE ANGLE
A- ± 10%
B- ± 20%
RESIST TOL
EXAMPLES:
EXAMPLES:
RESISTANCE CODE
EXAMPLES
SHAFT LENGTH “L”
R- ROUND
F- FLATTED
K- KNURLED & SLOTTED
S- SLOTTED
MOUNTING HOLE DETAIL
T
2
20
R
103
B
1
1
TERMINAL STYLE
T- SOLDER LUG(FASTON), FORMED
TO REAR
METAL SHAFT TRIM
MOUNTING STYLE “A”
CODE RESISTANCE
103
10 K
253
25 K
503
50 K
104
100 K
504
500 K
105
1Meg
FROM MOUNTING
SURFACE
1/32"INCREMENTS
BRASS BUSHING LENGTH
1/8"INCREMENTS
2-
.250" (6.35mm)
3-
.375" (9.5mm)
8- 1.000" (25.4mm)
1- TWISTED TAB
20- .625" (15.9 mm)
24- .750" (19.11mm)
28- .875" (22.2 mm)
32- 1.000" (25.4 mm)
Ordering Information
mm
DIMENSION:
inch
SPECIALS
1- TWO LUGS
2- LOCATING LUG RIGHT
SIDE
3- NO LOCATING LUG
4- LOCATING LUG LEFT
SIDE
.410±.003
10.41±0.08
2.08±0.08
.082±.003
.062±.003
1.57±0.08
1.57±0.08
.062±.003
.164±.003
.500
.957
.438
.331
"L"±
0.8
.031
.445
.016
0.4
REF.
BASE OD
24.3
12.7
.410±.003
10.41±0.08
4.16±0.08
CLEARANCE HOLE
11.1
3/8-32 UNEF-2A
8.4
MTG. SURFACE
"A"±
11.3
295
.819
20.8
2 - 2
© 2010 CTS Corporation. All rights reserved. Information subject to change.
02/22/10
CTS Electrocomponents
www.ctscorp.com
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
MOUNTING HOLE DETAIL
mm
DIMENSION:
inch
.410±.003
10.41±0.08
2.08±0.08
.082±.003
.062±.003
1.57±0.08
1.57±0.08
.062±.003
.164±.003
.500
.957
.438
"L"±
0.8
.031
.445
.016
0.4
REF.
BASE OD
24.3
12.7
.410±.003
10.41±0.08
4.16±0.08
CLEARANCE HOLE
11.1
3/8-32 UNEF-2A
MUNTING SURFACE
"A"±
11.3
.819
20.8
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
295S Metal Shaft, Bushing Mounting, Solder Lug (Faston) Terminals
S- SSOLDER LUG(FASTON), FORMED
TO PARALLEL
1
2
3
1
2
3
C- ± 30%
A
- .375”(9.53mm), No thread
B
- .375”(9.53mm), M9 X .75P
TWISTED TAB MOUNT
MOLDED BUSHING LENGTH
Shaft Trim
F - FLATTED
R - ROUND
K - KNURLED
S - SLOTTED
4.0
.156
9.53
.375
Ø 6.00
.236
1.20
.047
1.60
.063
24 TEETH
295T Metal Shaft, Bushing Mounting,Type “T” Solder Lug (Faston) Terminals
mm
DIMENSION:
inch
2- 10% AUD (240°)
3- 10% CCW AUD(240°)
6.1
.242
1- LINEAR (50°)
4- LINEAR (40°)
5- LINEAR (60°)
6- LINEAR (110°)
7- LINEAR (270°)
Ø 6.00
.236
Ø 6.35
.250
Ø 6.00
.236



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com