Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUY79 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUY79
Description  Collector-Emitter Breakdown Voltage-: V(BR)CEO = 350V(Min.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUY79 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUY79 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUY79 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
BUY79
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 0.1A; IB= 0
350
V
V(BR)CES
Collector-Emitter Breakdown Voltage
IC= 1mA; IE= 0
750
V
V(BR)CEV
Collector-Emitter Breakdown Voltage
IC= 1mA; VBE= -3.5V
750
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.25A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.25A
1.7
V
ICBO
Collector Cutoff Current
VCB= 400V; IE= 0
1.0
mA
ICES
Collector Cutoff Current
VCE= 400V; VBE= 0; TC= 150℃
15
mA
hFE
DC Current Gain
IC= 5A; VCE= 1.5V
5
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 10V
15
MHz
tf
Fall Time
IC= 3A; IB1= -IB2= 0.6A
1.0
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com