Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXZ Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # AXZ
Description  Low Impedance 2000 hours
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

AXZ Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  AXZ Datasheet HTML 1Page - Illinois Capacitor, Inc. AXZ Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXZ
+105°C, Low Impedance 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
1
50
105AXZ050M
198.944
5
30
4x5.4
2.2
50
225AXZ050M
90.429
5
30
4x5.4
3.3
50
335AXZ050M
60.286
5
30
4x5.4
4.7
35
475AXZ035M
42.33
1.8
80
4x5.4
4.7
50
475AXZ050M
42.328
1.52
85
5x5.4
6.8
50
685AXZ050M
29.256
1.2
120
5x5.4
10
25
106AXZ025M
23.21
1.8
80
4x5.4
10
35
106AXZ035M
19.89
0.76
150
5x5.4
10
50
106AXZ050M
19.894
0.88
165
6.3x5.4
15
16
156AXZ016M
17.68
1.8
80
4x5.4
15
35
156AXZ035M
13.263
0.76
150
5x5.4
15
50
156AXZ050M
13.263
0.88
165
6.3x5.4
22
10
226AXZ010M
15.07
1.93
80
4x5.4
22
35
226AXZ035M
9.04
1
150
5x5.4
22
50
226AXZ050M
9.043
0.88
165
6.3x5.4
27
6.3
276AXZ6R3M
14.737
1.8
80
4x5.4
27
16
276AXZ016M
9.824
0.76
150
5x5.4
27
35
276AXZ035M
7.368
0.44
230
6.3x5.4
27
50
276AXZ050M
7.368
0.68
185
6.3x7.7
33
10
336AXZ010M
10.05
1
150
5x5.4
33
35
336AXZ035M
6.03
0.52
230
6.3x5.4
33
50
336AXZ050M
6.029
0.8
170
6.3x7.7
47
6.3
476AXZ6R3M
8.47
1
150
5x5.4
47
35
476AXZ035M
4.23
0.52
230
6.3x5.4
47
50
476AXZ050M
4.233
0.68
185
6.3x7.7
56
6.3
566AXZ6R3M
7.11
0.76
150
5x5.4
56
25
566AXZ025M
4.145
0.44
230
6.3x5.4
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
56
35
566AXZ035M
3.553
0.34
280
6.3x7.7
56
50
566AXZ050M
4.145
0.34
350
8x10.5
68
25
686AXZ025M
3.41
0.44
230
6.3x5.4
68
35
686AXZ035M
2.93
0.34
280
6.3x7.7
68
50
686AXZ050M
3.413
0.34
350
8x10.5
100
16
107AXZ016M
2.65
0.52
230
6.3x5.4
100
25
107AXZ025M
2.32
0.34
280
6.3x7.7
100
50
107AXZ050M
2.321
0.4
300
8x10.5
150
10
157AXZ010M
2.21
0.44
230
6.3x5.4
150
16
157AXZ016M
1.77
0.34
280
6.3x7.7
150
35
157AXZ035MD8
1.55
0.17
600
8x10.5
150
50
157AXZ050M
1.547
0.18
670
10x10.5
220
6.3
227AXZ6R3M
1.81
0.44
230
6.3x5.4
220
16
227AXZ016M
1.206
0.34
280
6.3x7.7
220
35
227AXZ035M
1.06
0.17
600
8x10.5
220
50
227AXZ050M
1.055
0.18
670
10x10.5
330
6.3
337AXZ6R3M
1.206
0.34
280
6.3x7.7
330
16
337AXZ016M
1.01
0.17
450
10x7.7
330
25
337AXZ025M
0.804
0.17
600
8x10.5
330
35
337AXZ035M
0.703
0.09
850
10x10.5
470
16
477AXZ016M
0.706
0.17
600
8x10.5
470
25
477AXZ025M
0.564
0.09
850
10x10.5
680
6.3
687AXZ6R3MD8
0.683
0.17
450
8x10.5
680
16
687AXZ016M
0.488
0.09
850
10x10.5
1000
6.3
108AXZ6R3M
0.464
0.17
600
8x10.5
1000
10
108AXZ010M
0.398
0.09
850
10x10.5
1500
6.3
158AXZ6R3M
0.309
0.09
850
10x10.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com