Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3040H393DGGALTU Datasheet(PDF) 12 Page - Kemet Corporation

Part # C3040H393DGGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3040H393DGGALTU Datasheet(HTML) 12 Page - Kemet Corporation

Back Button C3040H393DGGALTU Datasheet HTML 8Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 9Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 10Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 11Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 12Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 13Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 14Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 15Page - Kemet Corporation C3040H393DGGALTU Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 12
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Table 2B – Bulk Packaging Quantities
Packaging Type
Loose Packaging
Secure Packaging
Bulk Bag (default)
2” x 2” Waffle Pack/Tray3
Packaging C-Spec1
N/A2
7282 / 7292
Case Size
Chip Thickness
(mm)
Packaging Quantities (pieces/unit packaging)
EIA (in)
Metric (mm)
Minimum
Maximum
Minimum
Maximum
0402
1005
All
1
50,000
1
368
0603
1608
368
0805
2012
100
1206
3216
≤ 1.25 (nominal)
126
1206
3216
> 1.25 (nominal)
50
1210
3225
All
80
1808
4520
20,000
50
1812
4532
42
1825
4564
20
2220
5650
20
2225
5664
20
1
The "Packaging C-Spec" is a 4-digit code which identifies the packaging type. When ordering, the proper code must be included in the 15th through 18th
character positions of the ordering code. See "Ordering Information" section of this document for further details. Product ordered without a packaging C-Spec will
default to our standard " bulk bag" packaging.
2
A packaging C-Spec (see note 1 above) is not required For "bulk bag" packaging (excluding Anti-Static Bulk Bag). The 15th through 18th character positions of
the ordering code should be left blank. All product ordered without a packaging C-Spec will default to out standard "bulk bag" packaging.
3
Also commonly referred to as “Chip Carrier” or “Molded Tray”. All tray packaging options offer static protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com