Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAS Datasheet(PDF) 14 Page - LEM

Part # CAS
Description  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS Datasheet(HTML) 14 Page - LEM

Back Button CAS Datasheet HTML 8Page - LEM CAS Datasheet HTML 9Page - LEM CAS Datasheet HTML 10Page - LEM CAS Datasheet HTML 11Page - LEM CAS Datasheet HTML 12Page - LEM CAS Datasheet HTML 13Page - LEM CAS Datasheet HTML 14Page - LEM CAS Datasheet HTML 15Page - LEM CAS Datasheet HTML 16Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Page 14/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CAS series
Output V
OUT
The output
V
OUT has a very low output impedance of
typically 2 Ohms; it can drive 100 pF directly. Adding series
Rf = 100 Ohms allows much larger capacitive loads. Empirical
evaluation may be necessary to obtain optimum results.
The minimum load resistance on
V
OUT is 1 kOhm.
Filtering and decoupling
Supply voltage V
C
The fluxgate oscillator draws current pulses of up to 30 mA
at a rate of ca. 900 kHz. Significant 900 kHz voltage ripple
on
V
C can indicate a power supply with high impedance. At
these frequencies the power supply rejection ratio is low, and
the ripple may appear on the transducer output
V
OUT and
reference
V
REF. The transducer has internal decoupling
capacitors, but in the case of a power supply with high
impedance, it is advised to provide local decoupling (100 nF
or more, located close to the transducer).
Total Primary Resistance
The primary resistance is 0.72 mΩ per conductor
In the following table, examples of primary resistance
according to the number of primary turns.
Number of
primary turns
Primary
resistance
R
P [ mW ]
Recommended
connections
1
0.24
10
9
8
OUT
IN
1
2
3
2
1.08
10
9
8
OUT
IN
1
2
3
3
2.16
10
9
8
OUT
IN
1
2
3
Application information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com