Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC522 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC522
Description  Wideband Variable-Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC522 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC522 Datasheet HTML 1Page - National Semiconductor (TI) CLC522 Datasheet HTML 2Page - National Semiconductor (TI) CLC522 Datasheet HTML 3Page - National Semiconductor (TI) CLC522 Datasheet HTML 4Page - National Semiconductor (TI) CLC522 Datasheet HTML 5Page - National Semiconductor (TI) CLC522 Datasheet HTML 6Page - National Semiconductor (TI) CLC522 Datasheet HTML 7Page - National Semiconductor (TI) CLC522 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CLC522 Typical Performance (TA=+25°C, Vcc=±5V, Av=+10, Vg=1.1V, RL=100Ω; unless noted)
0
-45
-90
-135
-180
-270
Vout = 500m Vpp
Rg=182
Ω
Rf = 1k
Ω
AV=AVmax
(Vg=1.0V)
AV=1
(Vg=-0.8V)
Gain
Phase
1
Frequency (MHz)
200
Frequency Response (AVmax=10)
Vin = 25mVpp
Rg=10.2
Ω
Rf = 715
Ω
AV=AVmax
(Vg=1.0V)
Gain
Phase
1
Frequency (MHz)
100
Frequency Response (AVmax=100)
0
-45
-90
-135
-180
-270
AV=1
(Vg=-0.98V)
Vout = 2Vpp
Rg=2k
Ω
Rf = 2.2k
Ω
AV=AVmax
(Vg=1.0V)
Gain
Phase
1
Frequency (MHz)
500
Frequency Response (AVmax=2)
0
-45
-90
-135
-180
-270
AV=1
(Vg=0V)
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
PSRR and CMRR (Input Referred)
CMRR
PSRR
10
4
10
5
10
6
10
7
10
8
P hase
Gain
Av
max + 10
Vo = 2Vpp
Rf = 1k
Vg = 1.1V
Gain Flatness & Linear Phase Deviation
0
Frequency (3MHz/div)
30MHz
Vg (Volts)
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
10
0
SGNL vs. Vg , Gain
0.9
0.7
0.5
0.3
0.1 -0.1 -0.3 -0.5 -0.7 -0.9
Frequency (25MHz/div)
0
-45
-90
-135
-180
-225
Large Signal Frequency Response
Magnitude
Phase
Gain
SGNL
Vo = 5Vpp
Vg = 1.1V
Avmax = +100
Rf = 806
Ω
Avmax = +2
Rf = 2k
Ω
Avmax = +10
Rf = 1k
Ω
0
250
Rf = 1kΩ
Vout = 0.5Vpp
Vout =5Vpp
Avmax = +10
Vg =1.0V
Large & Small Signal Pulse Response
T i m e
( 5ns/di v )
3
2
1
0
-1
-2
-3
+.75
+.50
+.25
0
-.25
-.50
-.75
V out
Vg
Vg = 1.0V
Vg = -1.0V
Avmax = + 10
Vin = 0.25V DC
2.5
Gain Control Settling Time & Delay
Time
(5ns/div)
0
Gain Control Channel Feedthrough
Time
(5ns/div)
+1V
0
-1V
Vg Input
Output
Vin = 0
AVmax = + 10
2V output step
Vg = 1.0V
.2
.15
0.1
.05
0
-.05
-.1
-.15
-.2
Short Term Settling Time
0
100
Time (10ns/div)
AVmax = + 10
2V output step
Vg = 1.0V
.20
.15
.10
.05
0
-.05
-.10
-.15
-.20
Long Term Settling Time
10
- 9
10
- 8
10
- 7
10
- 6
10
- 5
10
- 4
10
- 3
10
- 2
10
- 1
10
0
Time (sec)
Rs
Ts
Avmax = +10
Load Capacitance, CL (pF)
Settling Time vs. Capacitive Load
10
100
1000
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
Rs
CL
Vg=1.0Volt
1k
Ω
1k
Ω
CLC522
Frequency (MHz)
55
40
25
10
-5
-20
-35
-50
-65
-80
-95
Feed-through I sol ati o n
1
10
10 0
A Vmax=+2
R f =2 k Ω
A Vmax=+10
R f =1 k Ω
A Vmax=+100
R f = 750 Ω
V o =2 . 5 V pp
50
45
40
35
30
25
20
15
10
5
0
02
4
6
8
10
12
14
Settling Time vs. Gain
Attenuation From Maximum Gain (dB)
Rf = 2k
Ω
Vo = 1Vpp
Avmax =5
Avmax = 10
Avmax = 20
3
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com