Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBA340LL Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBA340LL
Description  SMD Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA340LL Datasheet(HTML) 3 Page - Comchip Technology

  CDBA340LL Datasheet HTML 1Page - Comchip Technology CDBA340LL Datasheet HTML 2Page - Comchip Technology CDBA340LL Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rating and Characteristic Curves (CDBA320L Thru CDBA340LL)
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0209002A
Page 3
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARD CURRENT
(MILLIAMPERES)
Tj=125°C
Tj=25°C
FIG. 5 (For CDBA320L)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARD CURRENT
(MILLIAMPERES)
Tj=100°C
Tj=25°C
FIG. 6 (For CDBA320LL)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARD CURRENT
(MILLIAMPERES)
Tj=125°C
Tj=25°C
FIG. 7 (For CDBA340L)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
Tj=100°C
Tj=25°C
FIG. 8 (For CDBA340LL)
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com