Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF10M Datasheet(PDF) 1 Page - Comchip Technology

Part # DF10M
Description  Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF10M Datasheet(HTML) 1 Page - Comchip Technology

  DF10M Datasheet HTML 1Page - Comchip Technology DF10M Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005M thru DF10M
Features
- Plastic package used has Underwriters
Laboratory Flammability Classification 94V-0
- Glass passivated chip junction
- High surge overload rating of 50 Amperes peak
- High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
Mechanical Data
- Case: Molded plastic body over passivated
junctions
- Terminals: Plated leads solderable per MIL-
STD-750, Method 2026
- Mounting Position: Any
- Weight: 0.014 oz., 0.4 g
Single-Phase Bridge Rectifiers
Single-Phase Bridge Rectifiers
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312008A
Page 1
Reverse Voltage: 50 to 1000V
Forward Current: 1.0A
0.315 (8.00)
0.285 (7.24)
0.013 (3.3)
0.0086 (0.22)
0.350 (8.9)
0.300 (7.6)
0.255 (6.5)
0.245 (6.2)
0.335 (8.51)
0.320 (8.12)
0.080 (2.03)
0.050 (1.27)
0.023 (0.58)
0.018 (0.46)
0.185 (4.69)
0.150 (3.81)
0.130 (3.3)
0.120 (3.05)
0.075 (1.90)
0.055 (1.39)
0.205 (5.2)
0.195 (5.0)
Dimensions in inches and (millimeters)
DF-M
0.045 (1.14)
0.035 (0.89)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
DF
DF
DF
DF
DF
DF
DF
Parameter
Symbol 005M
01M
02M
04M
06M
08M
10M
Unit
Device Marking Code
DF005 DF01 DF02 DF04 DF06 DF08 DF10
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Max. average forward output rectified current at TA=40°C
IF(AV)
1.0
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50
A
Rating for fusing (t < 8.3ms)
I2t10
A2sec
Typical thermal resistance per leg (NOTE 1)
R
θJA
40
R
θJL
15
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
DF
DF
DF
DF
DF
DF
DF
Parameter
Symbol 005M
01M
02M
04M
06M
08M
10M
Unit
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.1
V
Maximum reverse current
TA = 25°C
5.0
at rated DC blocking voltage per leg
TA = 125°C
IR
500
µA
Typical junction capacitance per leg at 4.0V, 1MHz
CJ
25
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13 x 13mm) copper pads


Similar Part No. - DF10M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF10M FAIRCHILD-DF10M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF10M DIODES-DF10M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Fuji Electric
DF10M FUJI-DF10M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
General Semiconductor
DF10M GE-DF10M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
International Rectifier
DF10M IRF-DF10M Datasheet
67Kb / 4P
1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
More results

Similar Description - DF10M

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com