Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB152S Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # DB152S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

DB152S Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  DB152S Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. DB152S Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES DB151S(DF15005S) THRU DB157S (DF1510S)
0.01
0.1
10
100
1
0.01
0
20
40
60
20
0
40
60
80
100
120
140
15
50
10
100
0
25
50
75
100
125
150
175
0
0.3
0.6
0.9
1.5
1.2
FIG.1-TYPRCAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG4-TYPICAL FORWARD CHARACTERISTICS
FIG.5-TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
°
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
T =25 C
j
°
T =125 C
j
°
0
14
10
100
100
10
FIG3-TYPICAL JUNCTION CAPACITANCE
SINGLE PHASE HALF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
0.375"(9.5mm)LEAD LENGTH
Z
T =25 C
A
°
10
30
50
0.1
1
10
0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
T =25 C
A
°
Pulse Width=300 s
1% Duty Cycle
μ
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
12-13
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com