Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLZ Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # RLZ
Description  Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLZ Datasheet(HTML) 2 Page - Nanjing International Group Co

  RLZ Datasheet HTML 1Page - Nanjing International Group Co RLZ Datasheet HTML 2Page - Nanjing International Group Co RLZ Datasheet HTML 3Page - Nanjing International Group Co RLZ Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RLZ Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ
at lZT
ZZT
at lZT
ZZK
at lZK
IR
at VR
Type
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
RLZ4V7C
4.68
4.93
20
25
20
900
1
5
1
RLZ5V1
4.8
5.4
20
20
20
800
1
5
1.5
RLZ5V1A
4.81
5.07
20
20
20
800
1
5
1.5
RLZ5V1B
4.94
5.2
20
20
20
800
1
5
1.5
RLZ5V1C
5.09
5.37
20
20
20
800
1
5
1.5
RLZ5V6
5.3
6
20
13
20
500
1
5
2.5
RLZ5V6A
5.28
5.55
20
13
20
500
1
5
2.5
RLZ5V6B
5.45
5.73
20
13
20
500
1
5
2.5
RLZ5V6C
5.61
5.91
20
13
20
500
1
5
2.5
RLZ6V2
5.8
6.6
20
10
20
300
1
5
3
RLZ6V2A
5.78
6.09
20
10
20
300
1
5
3
RLZ6V2B
5.96
6.27
20
10
20
300
1
5
3
RLZ6V2C
6.12
6.44
20
10
20
300
1
5
3
RLZ6V8
6.4
7.2
20
8
20
150
0.5
2
3.5
RLZ6V8A
6.29
6.63
20
8
20
150
0.5
2
3.5
RLZ6V8B
6.49
6.83
20
8
20
150
0.5
2
3.5
RLZ6V8C
6.66
7.01
20
8
20
150
0.5
2
3.5
RLZ7V5
7
7.9
20
8
20
120
0.5
0.5
4
RLZ7V5A
6.85
7.22
20
8
20
120
0.5
0.5
4
RLZ7V5B
7.07
7.45
20
8
20
120
0.5
0.5
4
RLZ7V5C
7.29
7.67
20
8
20
120
0.5
0.5
4
RLZ8V2
7.7
8.7
20
8
20
120
0.5
0.5
5
RLZ8V2A
7.53
7.92
20
8
20
120
0.5
0.5
5
RLZ8V2B
7.78
8.19
20
8
20
120
0.5
0.5
5
RLZ8V2C
8.03
8.45
20
8
20
120
0.5
0.5
5
RLZ9V1
8.5
9.6
20
8
20
120
0.5
0.5
6
RLZ9V1A
8.29
8.73
20
8
20
120
0.5
0.5
6
RLZ9V1B
8.57
9.01
20
8
20
120
0.5
0.5
6
RLZ9V1C
8.83
9.3
20
8
20
120
0.5
0.5
6
RLZ10
9.4
10.6
20
8
20
120
0.5
0.2
7
RLZ10A
9.12
9.59
20
8
20
120
0.5
0.2
7
RLZ10B
9.41
9.9
20
8
20
120
0.5
0.2
7
RLZ10C
9.7
10.2
20
8
20
120
0.5
0.2
7
RLZ10D
9.94
10.44
20
8
20
120
0.5
0.2
7
RLZ11
10.4
11.6
10
10
10
120
0.5
0.2
8
RLZ11A
10.18
10.71
10
10
10
120
0.5
0.2
8
RLZ11B
10.5
11.05
10
10
10
120
0.5
0.2
8
RLZ11C
10.82
11.38
10
10
10
120
0.5
0.2
8
RLZ12
11.4
12.6
10
12
10
110
0.5
0.2
9
RLZ12A
11.13
11.71
10
12
10
110
0.5
0.2
9
RLZ12B
11.44
12.03
10
12
10
110
0.5
0.2
9
RLZ12C
11.74
12.35
10
12
10
110
0.5
0.2
9
RLZ13
12.4
14.1
10
14
10
110
0.5
0.2
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com