Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7989-5BCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7989-5BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-5BCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7989-5BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
CS MODE, 4-WIRE
This mode is usually used when multiple AD7989-1/AD7989-5
devices are connected to an SPI-compatible digital host.
A connection diagram example using two AD7989-1/AD7989-5
devices is shown in Figure 33, and the corresponding timing is
given in Figure 34.
With SDI high, a rising edge on CNV initiates a conversion,
selects SDI/CS mode, and forces SDO to high impedance. In
this mode, CNV must be held high during the conversion phase
and the subsequent data readback. (If SDI/CS and CNV are low,
SDO is driven low.) Prior to the minimum conversion time,
SDI/CS can be used to select other SPI devices, such as analog
multiplexers, but SDI/CS must be returned high before the
minimum conversion time elapses and then held high for the
maximum possible conversion time. When the conversion is
complete, the AD7989-1/AD7989-5 enter the acquisition phase
and power down. Each ADC result can be read by bringing its
SDI/CS input low, which consequently outputs the MSB onto
SDO. The remaining data bits are then clocked by subsequent
SCK falling edges. The data is valid on both SCK edges.
Although the rising edge can be used to capture the data, a
digital host using the SCK falling edge allows a faster reading
rate, provided that it has an acceptable hold time. After the 18th
SCK falling edge or when SDI/CS goes high (whichever occurs
first), SDO returns to high impedance and another AD7989-1/
AD7989-5 can be read.
Figure 33. CS Mode, 4-Wire Connection Diagram
Figure 34. CS Mode, 4-Wire Serial Interface Timing
AD7989-1/
AD7989-5
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7989-1/
AD7989-5
SDO
CNV
SCK
SDI/CS
SDI/CS
SDO
D17
D16
D15
D1
D0
tDIS
SCK
1
2
3
34
35
36
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
tSSDICNV
tHSDICNV
D1
16
17
tSCK
tSCKL
tSCKH
D0
D17
D16
19
20
18
SDI/CS (CS1)
SDI/CS (CS2)
Rev. A | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com