Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4022 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4022
Description  Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4022 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4022 Datasheet HTML 1Page - National Semiconductor (TI) CD4022 Datasheet HTML 2Page - National Semiconductor (TI) CD4022 Datasheet HTML 3Page - National Semiconductor (TI) CD4022 Datasheet HTML 4Page - National Semiconductor (TI) CD4022 Datasheet HTML 5Page - National Semiconductor (TI) CD4022 Datasheet HTML 6Page - National Semiconductor (TI) CD4022 Datasheet HTML 7Page - National Semiconductor (TI) CD4022 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 VDC to a18 VDC
Input Voltage (VIN)
b
05 VDC to VDD a05 VDC
Storage Temperature (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
a
3VDC to a15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
CD4017BM CD4022BM
b
55 Cto a125 C
CD4017BC CD4022BC
b
40 Cto a85 C
DC Electrical Characteristics CD4017BM CD4022BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V VIN e VDD or VSS
5
03
5
150
m
A
Current
VDD e 10V VIN e VDD or VSS
10
05
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
10
20
600
m
A
VOL
Low Level
lIOl k 10 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl k 10 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
lIOl k 10 mA
Input Voltage
VDD e 5V VO e 05V or 45V
15
15
15
V
VDD e 10V VO e 10V or 90V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level
lIOl k 10 mA
Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 10V or 90V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
064
051
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
16
13
225
09
mA
VDD e 15V VO e 15V
42
34
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
025
b
02
b
036
b
014
mA
Current (Note 3)
VDD e 10V VO e 95V
b
062
b
05
b
09
b
035
mA
VDD e 15V VO e 135V
b
18
b
15
b
35
b
11
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5
b
01
b
10
m
A
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
DC Electrical Characteristics CD4017BC CD4022BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
20
05
20
150
m
A
Current
VDD e 10V
40
10
40
300
m
A
VDD e 15V
80
50
80
600
m
A
VOL
Low Level
lIOl k 10 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl k 10 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOL and IOH are tested one output at a time
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com