Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBLS107G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS107G
Description  1A, 50V - 1000V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS107G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DBLS107G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS107G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBLS107G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBLS107G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 50V (DBLS101G) to 1000V (DBLS107G)
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1410052
Version: O15
PART NO.
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
C1
RD
PREFERRED P/N
RD
DBLS107G
PACKING CODE
SUFFIX
EXAMPLE
DBLS10xG
(Note 1)
DBLS101G - DBLS107G
Taiwan Semiconductor
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING CODE
ORDERING INFORMATION
GDBLS
H
1,500 / 13" Paper reel
50 / TUBE
PACKING
PART NO.
SUFFIX
H
AEC-Q101 qualified
Green compound
DESCRIPTION
DBLS107GHRDG
G
0
0.5
1
1.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
DBLS101G - 105G
DBLS106G - 107G
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com