Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR821 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MR821
Description  Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MR821 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MR821 Datasheet HTML 1Page - Diotec Semiconductor MR821 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
121
01.10.2002
MR 820 … MR 828
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25/CIF = 5 A
V
F
< 1.2 V
Leakage current – Sperrstrom
T
j = 25/CVR = VRRM
I
R
< 25 :A
Reverse recovery time
I
F = 0.5 A through/über
t
rr
< 300 ns
Sperrverzugszeit
I
R = 1 A to/auf IR = 0.25 A
Thermal resistance junction to ambient air
R
thA
< 20 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com