Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF005S Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # DF005S
Description  DF005S - DF10S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

DF005S Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  DF005S Datasheet HTML 1Page - Olitech Electronics Co.Ltd DF005S Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typ Forward Characteristics (per element)
F
T = 25°C
Pulse Width = 300µs
2% duty cycle
j
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single half-sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typ Junction Capacitance (per element)
R
T = 25°c
f = 1.0 Mhz
V = 50 mV p-p
j
sig
0.01
0.1
1.0
10
100
20
040
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typ Reverse Characteristics (per element)
T = 125°C
j
T = 25°C
j
1.0
0.5
0
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
60 Hz Resistive or
Inductive load
DF005S - DF10S
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com