Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV-8564 Datasheet(PDF) 23 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 23 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
23/40
10.CHARACTERISTICS OF THE I
2C BUS
The I
2C bus is for bidirectional, two-line communication between different ICs or modules. The two lines are a
Serial Data Line (SDA) and a Serial Clock Line (SCL). Both lines must be connected to a positive supply via pull-up
resistors. Data transfer may be initiated only when the bus is not busy.
10.1.BIT TRANSFER
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH
period of the clock pulse, as changes in the data line at this time will be interpreted as a control signal. Data
changes should be executed during the LOW period of the clock pulse.
10.2.START AND STOP CONDITIONS
Both SDA data and SCL clock lines remain HIGH when the bus is not busy.
A HIGH-to-LOW transition of the data line, while the clock is HIGH, is defined as the START condition (S).
A LOW-to-HIGH transition of the data line, while the clock is HIGH, is defined as the STOP condition (P).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com