Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F586LB Datasheet(PDF) 39 Page - SPANSION

Part # MB91F586LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F586LB Datasheet(HTML) 39 Page - SPANSION

Back Button MB91F586LB Datasheet HTML 35Page - SPANSION MB91F586LB Datasheet HTML 36Page - SPANSION MB91F586LB Datasheet HTML 37Page - SPANSION MB91F586LB Datasheet HTML 38Page - SPANSION MB91F586LB Datasheet HTML 39Page - SPANSION MB91F586LB Datasheet HTML 40Page - SPANSION MB91F586LB Datasheet HTML 41Page - SPANSION MB91F586LB Datasheet HTML 42Page - SPANSION MB91F586LB Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
D at aS h ee t
36
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
APPLICATION NOTES
•
Function Switching of a Multiplexed Port
To switch between the port function and the multiplexed pin function, use the PFR (port function register).
However, if a pin is also used for an external bus, its function is switched by the external bus setting. For
details, see "I/O PORTS" in Hardware Manual.
*: MB91F585LB/F586LB/F587LB/F585LD/F586LD/F587LD only
•
Low-power Consumption Mode
To transit to the sleep mode, watch mode, stop mode, watch mode(power-off) or stop mode(power-off),
follow the procedure explained in the "Activating the sleep mode, watch mode, or stop mode" or the
"Activating the watch mode (power-off) or stop mode(power-off)" of "POWER CONSUMPTION
CONTROL" in Hardware Manual.
Take the following notes when using a monitor debugger.
•
Do not set a break point for the low-power consumption transition program.
•
Do not execute an operation step for the low-power consumption transition program.
•
Notes When Writing Data in a Register Having the Status Flag
When writing data in the register that has a status flag (especially, an interrupt request flag) to control
function, take care not to clear its status flag erroneously.
The program must be written not to clear the flag to the status bit, and to set the control bits to have the
desired value.
Especially, if multiple control bits are used, the bit instruction cannot be used. (The bit instruction can
access to a single bit only.) The Byte, Half-word, or Word access must be used to write data in the control
bits and status flag simultaneously. During this time, take care not to clear other bits (in this case, the bits of
status flag) erroneously.
Note: These points can be ignored because the bit instructions already take the points into consideration
for registers that support read-modify-write (RMW) operations. These points must be considered
when using the bit instructions for registers that do not support RMW operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com