Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF142LB Datasheet(PDF) 115 Page - SPANSION

Part # MB9AF142LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB Datasheet(HTML) 115 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 111Page - SPANSION MB9AF142LB Datasheet HTML 112Page - SPANSION MB9AF142LB Datasheet HTML 113Page - SPANSION MB9AF142LB Datasheet HTML 114Page - SPANSION MB9AF142LB Datasheet HTML 115Page - SPANSION MB9AF142LB Datasheet HTML 116Page - SPANSION MB9AF142LB Datasheet HTML 117Page - SPANSION MB9AF142LB Datasheet HTML 118Page - SPANSION MB9AF142LB Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 121 page
background image
DataS h eet
112
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
96-pin plastic FBGA
Lead pitch
0.5 mm
Package width ×
package length
6.00 mm × 6.00 mm
Lead shape
Ball
Sealing method
Plastic mold
1.30 mm MAX
Mounting height
Weight
0.08 g
96-pin plastic FBGA
(BGA-96P-M07)
(BGA-96P-M07)
HA
B
C
D
E
F
G
J
K
L
1
2
4
3
5
7
6
9
8
10
11
C
2012 FUJITSU SEMICONDUCTOR LIMITED B96007S-c-1-1
6.00±0.10(.236±.004)
0.50
TYP
0.20(.008)
B
S
0.20(.008)
A
S
6.00±0.10
(.236±.004)
(INDEX AREA)
0.08(.003) S
(.045±.006)
S
1.15±0.15
INDEX
M
S A
ø0.05(.002)
0.50(.020)
TYP
A
B
5.00(.197)
REF
5.00(.197)
REF
(Seated height)
(.010±.004)
0.25±0.10
(Stand off)
(.020)
(96-ø.012±.004)
96-ø0.30±0.10
B
Dimensions in mm (inches).
Note: The values in parentheses are reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com