Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2GF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES2GF
Description  2A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2GF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES2GF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2GF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2GF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2GF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note 2: Whole series with green compound
Document Number: DS_D0000114
Version: A15
5,000 / 13" Paper reel
PACKAGE
PACKING CODE
SUFFIX
DESCRIPTION
Green compound
ES2DF R4G
ES2xF
(Note 1, 2)
PART NO.
ES2DF
PART NO.
R4
G
EXAMPLE
EXAMPLE P/N
PACKING CODE
RATINGS AND CHARACTERISTICS CURVES (T
A=25°C unless otherwise noted)
R4
Note 1: "x" defines voltage from 200V (ES2DF) to 600V (ES2JF)
ES2DF - ES2JF
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
PACKING
G
SMBF
0
0.5
1
1.5
2
2.5
3
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
Resistive or
inductive load
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
100
1000
0
20406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
ES2JF
Pulse width=300μs
1% duty cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com