Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0144 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0144
Description  2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0144 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0144 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0144 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0144 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0144 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0144 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS
DC - 3.0 GHz
Rev. V1
MASWSS0144
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VC = 0 V, 2.7 V, Pin = +34 dBm, Z0 = 50 
2
2. For positive voltage control, external DC blocking capacitors are required on all RF ports.
3. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 100 pF for 0.5 GHz - 2.5 GHz.
The low frequency response will be determined by the capacitor value used.
Parameter
Test Conditions
Units
Typ.
Max.
Min.
Insertion Loss3
RF1 and RF2 Paths
1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
0.60
0.60
0.65
0.75
—
—
—
—
—
Insertion Loss3
RF3 Path
1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
0.65
0.65
0.75
0.85
—
—
—
—
—
Isolation
All Paths
0.5-1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
30
24
19
—
—
—
25
—
—
Return Loss (All RF ports)
0.5-3 GHz
dB
21
—
—
Cross Modulation
RF1 Path
Cell Band: CDMA TX = +25 dBm @ 820 MHz,
RXINT = -23 dBm @ 865 MHz
PCS Band: CDMA TX = +20 dBm @ 1950 MHz,
RXINT = -23 dBm @ 1870 MHz
dBm
dBm
-102
-105
—
—
—
—
2nd Harmonic
RF2 Path
GSM Band: Pin = 34 dBm
DCS/PCS Band: Pin = 32 dBm
dBc
dBc
-75
-75
—
—
—
—
3rd Harmonic
RF2 Path
GSM Band: Pin = 34 dBm
DCS/PCS Band: Pin = 32 dBm
dBc
dBc
-72.5
-68.0
-70
—
—
—
P0.1dB
RF1 & RF2 Paths
VC = 2.7 V
VC = 5.0 V
dBm
dBm
36.0
37.5
—
—
—
—
IP2
Two Tone, +18 dBm / Tone, 1 MHz spacing, >50 MHz
dBm
—
70
—
IP3
Two Tone, +18 dBm / Tone, 1 MHz spacing, >50 MHz
dBm
—
55
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
50
—
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
70
—
—
Transients
In Band
mV
10
—
—
Control Current
|VC| = 2.7 V
µA
10
25
—
V1
V2
V3
ANT–
RF1
ANT -
RF2
ANT -
RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
Truth Table 4
4. 1 = 2.7 V to 5.0 V, 0 = 0 V ± 0.2 V
Parameter
Absolute Maximum
Input Power
(0.5 - 2.5 GHz, 2.7 V Control)
+36 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com