Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  250-mA Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73233DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73233DBVR Datasheet HTML 9Page - Texas Instruments TPS73233DBVR Datasheet HTML 10Page - Texas Instruments TPS73233DBVR Datasheet HTML 11Page - Texas Instruments TPS73233DBVR Datasheet HTML 12Page - Texas Instruments TPS73233DBVR Datasheet HTML 13Page - Texas Instruments TPS73233DBVR Datasheet HTML 14Page - Texas Instruments TPS73233DBVR Datasheet HTML 15Page - Texas Instruments TPS73233DBVR Datasheet HTML 16Page - Texas Instruments TPS73233DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
RMS
N
RMS
OUT
V
V ( V
)
8.5
V
(V)
V
m
æ
ö
m
=
´
ç
÷
è
ø
RMS
N
RMS
OUT
V
V ( V
)
27
V
(V)
V
m
æ
ö
m
=
´
ç
÷
è
ø
OUT
1
N
RMS
RMS
2
REF
V
R
R2
V
32 V
32 V
R
V
æ
ö
+
=
m
´
=
m
´
ç
÷
ç
÷
è
ø
VO
1.2V
1.5V
1.8V
2.5V
2.8V
3.0V
3.3V
R1
Short
23.2kW
28.0kW
39.2kW
44.2kW
46.4kW
52.3kW
R2
Open
95.3kW
56.2kW
36.5kW
33.2kW
30.9kW
30.1kW
Table 1. Standard 1%
Resistor Values for
Common Output Voltages
NOTE: VOUT = (R1 + R2)/R2 1.204;
´
R1úú R2 @ 19kW for best
accuracy.
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R
1
R
2
EN
GND
IN
80kW
8kW
27kW
4MHz
Charge Pump
TPS732
www.ti.com
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
Functional Block Diagrams (continued)
Figure 30. Adjustable-Voltage Version
7.3 Feature Description
7.3.1 Output Noise
A precision band-gap reference is used to generate the internal reference voltage, VREF. This reference is the
dominant noise source within the TPS732 and it generates approximately 32 µVRMS (10 Hz to 100 kHz) at the
reference output (NR). The regulator control loop gains up the reference noise with the same gain as the
reference voltage, so that the noise voltage of the regulator is approximately given by:
(1)
Because the value of VREF is 1.2 V, this relationship reduces to:
(2)
An internal 27-k
Ω resistor in series with the noise reduction pin (NR) forms a low-pass filter for the voltage
reference when an external noise reduction capacitor, CNR, is connected from NR to ground. For CNR = 10 nF,
the total noise in the 10-Hz to 100-kHz bandwidth is reduced by a factor of approximately 3.2, giving the
approximate relationship:
(3)
for CNR = 10 nF.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com