Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP706SCU Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP706SCU
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706SCU Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP706SCU Datasheet HTML 10Page - Sipex Corporation SP706SCU Datasheet HTML 11Page - Sipex Corporation SP706SCU Datasheet HTML 12Page - Sipex Corporation SP706SCU Datasheet HTML 13Page - Sipex Corporation SP706SCU Datasheet HTML 14Page - Sipex Corporation SP706SCU Datasheet HTML 15Page - Sipex Corporation SP706SCU Datasheet HTML 16Page - Sipex Corporation SP706SCU Datasheet HTML 17Page - Sipex Corporation SP706SCU Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
PACKAGE:
PLASTIC
MICRO SMALL
OUTLINE (
µSOIC)
1
0.013
±0.005
0.0256
BSC
0.118
±0.004
0.020
2
0.020
0.116
±0.004
0.034
±0.004
0.040
±0.003
0.004
±0.002
0.118
±0.004
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
50 USOIC devices per tube
All package dimensions are in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com