Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1065661 Datasheet(PDF) 7 Page - SICK AG

Part # 1065661
Description  MID RANGE DISTANCE SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1065661 Datasheet(HTML) 7 Page - SICK AG

  1065661 Datasheet HTML 1Page - SICK AG 1065661 Datasheet HTML 2Page - SICK AG 1065661 Datasheet HTML 3Page - SICK AG 1065661 Datasheet HTML 4Page - SICK AG 1065661 Datasheet HTML 5Page - SICK AG 1065661 Datasheet HTML 6Page - SICK AG 1065661 Datasheet HTML 7Page - SICK AG 1065661 Datasheet HTML 8Page - SICK AG 1065661 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DT50-2B215252 | Dx50-2
MID RANGE DISTANCE SENSORS
2016-03-19 03:03:08 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
7
DT50-2 Pro
Distance in m (feet)
Typ. repeatabilty in mm (inch)
10
(0.39)
8
(0.31)
6
(0.24)
4
(0.16)
2
(0.08)
5
(16.40)
10
(32.81)
20
(65.62)
30
(98.43)
15
(49.21)
25
(82.02)
90 % Remission
Specification basis
technical data
6 % Remission
18 % Remission
Secured
performance
Functional
reserve
Slow
0.2
(0.66)
0.5
(0.02)
DT50-2 Pro
Distance in m (feet)
Typ. repeatabilty in mm (inch)
10
(0.39)
8
(0.31)
6
(0.24)
4
(0.16)
2
(0.08)
5
(16.40)
10
(32.81)
20
(65.62)
30
(98.43)
15
(49.21)
25
(82.02)
Functional reserve
Specification basis
technical data
Secured performance
18 % Remission
6 % Remission
90 % Remission
Medium
0.2
(0.66)
0.5
(0.02)
Recommended accessories
Other models and accessories
www.sick.com/Dx50-2
Brief description
Type
Part no.
Mounting brackets and mounting plates



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com