| Electronic Components Datasheet Search |
|
SP3232EBEN/TR Datasheet(PDF) 16 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP3232EBEN/TR Datasheet(HTML) 16 Page - Sipex Corporation |
|
16 / 20 page ![]() Date:02/27/05 SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers © Copyright 2005 Sipex Corporation 16 D ALTERNATE END PINS (BOTH ENDS) D1 = 0.005" min. (0.127 min.) E PACKAGE: PLASTIC DUAL–IN–LINE (NARROW) A = 0.210" max. (5.334 max). E1 C Ø L A2 A1 = 0.015" min. (0.381min.) B B1 e = 0.100 BSC (2.540 BSC) eA = 0.300 BSC (7.620 BSC) DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L Ø 16–PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 0.780/0.800 (19.812/20.320) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0°/ 15° (0°/15°) 18–PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 0.880/0.920 (22.352/23.368) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0°/ 15° (0°/15°) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |