Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP230ACT Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP230ACT
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP230ACT Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP230ACT Datasheet HTML 9Page - Sipex Corporation SP230ACT Datasheet HTML 10Page - Sipex Corporation SP230ACT Datasheet HTML 11Page - Sipex Corporation SP230ACT Datasheet HTML 12Page - Sipex Corporation SP230ACT Datasheet HTML 13Page - Sipex Corporation SP230ACT Datasheet HTML 14Page - Sipex Corporation SP230ACT Datasheet HTML 15Page - Sipex Corporation SP230ACT Datasheet HTML 16Page - Sipex Corporation SP230ACT Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
235A
11
GND
T4
16
1
4
4
T3
15
2
33
T2
74
22
T1
83
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
400k Ω
12
V
CC
+5V INPUT
T IN
T IN
T IN
T OUT
T OUT
T OUT
T5
22
19
5
5
400k Ω
T IN
T OUT
R2
65
R IN
R OUT
2
R1
910
R IN
R OUT
1
2
1
5k Ω
5k Ω
R4
17
18
R IN
R OUT
4
R3
23
24
R IN
R OUT
3
4
3
5k Ω
5k Ω
R5
14
13
R IN
R OUT
5
5
5k Ω
SD
21
EN
20
235B
230A
234A
T4
14
15
4
4
T3
13
16
33
T2
32
22
T1
41
T IN
1
T OUT
1
5
GND
400k Ω
400k Ω
400k Ω
400k Ω
11
10
9
7
C +
C -
C +
C -
2
2
1
1
12
6
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
8
T IN
T IN
T IN
T OUT
T OUT
T OUT
V-
1–10µF
6.3V
11
GND
T4
16
1
4
4
T3
15
2
33
T2
74
22
T1
83
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
400k Ω
12
V
CC
+5V INPUT
T IN
T IN
T IN
T OUT
T OUT
T OUT
T5
22
19
5
5
400k Ω
T IN
T OUT
R2
65
R IN
R OUT
2
R1
910
R IN
R OUT
1
2
1
5k Ω
5k Ω
R4
17
18
R IN
R OUT
4
R3
23
24
R IN
R OUT
3
4
3
5k Ω
5k Ω
R5
14
13
R IN
R OUT
5
5
5k Ω
SD
21
EN
20
TYPICAL CIRCUITS
T5
19
16
5
T OUT
5
T4
15
20
4
T OUT
4
T3
14
1
33
T2
43
22
T1
52
T IN
11
6
18
17
SD
NC
GND
400k Ω
400k Ω
400k Ω
400k Ω
400k Ω
12
11
10
8
C +
C -
C +
C -
2
2
1
1
13
1–10µF
6.3V
7
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
9
T IN
T IN
T IN
T IN
T OUT
T OUT
T OUT
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com