Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9727NBA Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM9727NBA
Description  CMOS voltage detector IC for battery-operated portable devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9727NBA Datasheet(HTML) 1 Page - ELM Electronics

  ELM9727NBA Datasheet HTML 1Page - ELM Electronics ELM9727NBA Datasheet HTML 2Page - ELM Electronics ELM9727NBA Datasheet HTML 3Page - ELM Electronics ELM9727NBA Datasheet HTML 4Page - ELM Electronics ELM9727NBA Datasheet HTML 5Page - ELM Electronics ELM9727NBA Datasheet HTML 6Page - ELM Electronics ELM9727NBA Datasheet HTML 7Page - ELM Electronics ELM9727NBA Datasheet HTML 8Page - ELM Electronics ELM9727NBA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
147
■
■
■
■
■
GENERAL DESCRIPTION
ELM 97xxxxA Series is a CMOS voltage detector IC for battery-operated portable devices. It consists of a
very low-power-consumption reference voltage source, a comparator, an output driver, a hysteresis circuit,
and detection voltage setting resistors. Output logic is positive, therefore output level is low when VDD is
lower than detection voltage.
It can be used as a reset controller in microcomputer-based systems. And it can be widely applied to the
devices, such as battery checkers, switching circuit of back-up power source, power failure detectors, etc.
Two output styles are available, N-ch opendrain and CMOS output.
It is available in SOT-89 and SOT-23.
■
■
■
■
■
FEATURES
・
Low power operation
: TYP. 1.0 μ A (VDD = 1.5V)
・
Low voltage operation
: Reset operation assured at 0.8V
・
High accuracy of detection voltage : ± 2.5%
・
Low temperature coefficient
: TYP. -300ppm/℃ (Detection voltage <2.0V)
: TYP. -100ppm/℃ (Detection voltage ≧2.0V)
・
Very small package
: SOT-89, SOT-23
■
■
■
■
■
APPLICATION
・
Reset for microcomputer
・
Battery checker
・
Power failure detector
・
Switching of back-up power source
Pin No.
Pin Name
1
OUT
2
VDD
3
VSS
ELM97xxxxA
ELM97xxxxA
ELM97xxxxA
ELM97xxxxA
ELM97xxxxA VOLTAGE DETECTOR
Pin No.
Pin Name
1
OUT
2
VSS
3
VDD
■
■
■
■
■
PIN CONFIGURATION
1
23
( TOP VIEW )
SOT-89
1
2
3
( TOP VIEW )
SOT-23


Similar Part No. - ELM9727NBA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9724CAB-N ELM-TECH-ELM9724CAB-N Datasheet
105Kb / 9P
CMOS Voltage detector
ELM9724CAB-S ELM-TECH-ELM9724CAB-S Datasheet
105Kb / 9P
CMOS Voltage detector
ELM9724CBB-N ELM-TECH-ELM9724CBB-N Datasheet
105Kb / 9P
CMOS Voltage detector
ELM9724CBB-S ELM-TECH-ELM9724CBB-S Datasheet
105Kb / 9P
CMOS Voltage detector
ELM9724NAB-N ELM-TECH-ELM9724NAB-N Datasheet
105Kb / 9P
CMOS Voltage detector
More results

Similar Description - ELM9727NBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
logo
Rohm
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com