Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F676SC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F676SC
Description  16-Bit Serial/Parallel-In, Serial-Out Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F676SC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F676SC Datasheet HTML 1Page - National Semiconductor (TI) 74F676SC Datasheet HTML 2Page - National Semiconductor (TI) 74F676SC Datasheet HTML 3Page - National Semiconductor (TI) 74F676SC Datasheet HTML 4Page - National Semiconductor (TI) 74F676SC Datasheet HTML 5Page - National Semiconductor (TI) 74F676SC Datasheet HTML 6Page - National Semiconductor (TI) 74F676SC Datasheet HTML 7Page - National Semiconductor (TI) 74F676SC Datasheet HTML 8Page - National Semiconductor (TI) 74F676SC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9588
December 1994
54F74F676
16-Bit SerialParallel-In Serial-Out Shift Register
General Description
The ’F676 contains 16 flip-flops with provision for synchro-
nous parallel or serial entry and serial output When the
Mode (M) input is HIGH information present on the parallel
data (P0–P15) inputs is entered on the falling edge of the
Clock Pulse (CP) input signal When M is LOW data is shift-
ed out of the most significant bit position while information
present on the Serial (SI) input shifts into the least signifi-
cant bit position A HIGH signal on the Chip Select (CS)
input prevents both parallel and serial operations
Features
Y
16-bit parallel-to-serial conversion
Y
16-bit serial-in serial-out
Y
Chip select control
Y
Slim 24 lead 300 mil package
Commercial
Military
Package
Package Description
Number
74F676PC
N24A
24-Lead (0600 Wide) Molded Dual-In-Line
74F676SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F676DM (Note 2)
J24A
24-Lead (0600 Wide) Ceramic Dual-In-Line
54F676SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F676SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F676FM (Note 2)
W24C
24-Lead Cerpack
54F676LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF9588 – 2
Pin Assignment
for LCC
TLF9588 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74F676SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F676SC FAIRCHILD-74F676SC Datasheet
57Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F676SC FAIRCHILD-74F676SC Datasheet
68Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
More results

Similar Description - 74F676SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
logo
Fairchild Semiconductor
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
Texas Instruments
54F676 TI1-54F676 Datasheet
431Kb / 12P
54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com