Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER06LS Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER06LS
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06LS Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER06LS Datasheet HTML 1Page - STMicroelectronics VIPER06LS Datasheet HTML 2Page - STMicroelectronics VIPER06LS Datasheet HTML 3Page - STMicroelectronics VIPER06LS Datasheet HTML 4Page - STMicroelectronics VIPER06LS Datasheet HTML 5Page - STMicroelectronics VIPER06LS Datasheet HTML 6Page - STMicroelectronics VIPER06LS Datasheet HTML 7Page - STMicroelectronics VIPER06LS Datasheet HTML 8Page - STMicroelectronics VIPER06LS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
VIPER06
Pin settings
Doc ID 022794 Rev 1
5/28
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
DRAIN
DRAIN
AM11339v1
DRAIN
DRAIN
DRAIN
DRAIN
DRAIN
GND
VDD
FB
COMP
LIM
Table 2.
Pin description
Pin
Name
Function
DIP-7
SSO10
11
GND
Connected to the source of the internal power MOSFET and controller
ground reference.
22
VDD
Supply voltage of the control section. This pin provides the charging
current of the external capacitor.
33
LIM
This pin allows setting the drain current limitation. The limit can be
reduced by connecting an external resistor between this pin and GND.
Pin left open if default drain current limitation is used.
44
FB
Inverting input of the internal transconductance error amplifier.
Connecting the converter output to this pin through a single resistor
results in an output voltage equal to the error amplifier reference
voltage (see VFB_REF in Table 6). An external resistor divider is
required for higher output voltages.
55
COMP
Output of the internal transconductance error amplifier. The
compensation network has to be placed between this pin and GND to
achieve stability and good dynamic performance of the voltage control
loop. The pin is used also to directly control the PWM with an
optocoupler. The linear voltage range extends from VCOMPL to
VCOMPH (Table 6).
7, 8
6-10
DRAIN
High-voltage drain pins. The built-in high-voltage switched startup bias
current is drawn from these pins too.
Pins connected to the metal frame to facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com