Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL6180X Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 9Page - STMicroelectronics VL6180X Datasheet HTML 10Page - STMicroelectronics VL6180X Datasheet HTML 11Page - STMicroelectronics VL6180X Datasheet HTML 12Page - STMicroelectronics VL6180X Datasheet HTML 13Page - STMicroelectronics VL6180X Datasheet HTML 14Page - STMicroelectronics VL6180X Datasheet HTML 15Page - STMicroelectronics VL6180X Datasheet HTML 16Page - STMicroelectronics VL6180X Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
DocID026171 Rev 6
13/79
VL6180X
Functional description
78
2.1
System state diagram
Figure 8 describes the main operating states of the VL6180X. Hardware standby is the reset
state (GPIO0=0)(a). The device is held in reset until GPIO0 is de-asserted. Note that the
device will not respond to I2C communication in this mode. When GPIO0=1, the device
enters software standby after the internal MCU boot sequence has completed. Once in
software standby, ST recommended register initialization settings(b) can be applied along
with any required application specific register settings. Thereafter, the host can command
single-shot range or ALS measurements or alternatively program one of the continuous
operating modes where the device uses an internal timer to schedule measurements at
specified intervals. See Section 2.4.3: Interleaved mode.
Figure 8. System state diagram
a.
Use of GPIO0 is optional
b.
Please contact STMicroelectronics for the latest settings
Power off
Hardware
standby
Software
standby
Range
measurement
ALS
measurement
Continuous
modes(*)
AVDD on
GPIO0=0
AVDD off
AVDD on
GPIO0=1
GPIO0=1
GPIO0=0
AVDD off
als_start
range_start
done
done
mode=
continuous
start
stop
auto
auto
MCU boot
(*) Device is placed in a low power state between measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com