| Electronic Components Datasheet Search |
|
TSX562IYDT Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSX562IYDT Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 28 page ![]() DocID023274 Rev 4 7/28 TSX56x, TSX56xA Electrical characteristics 28 Table 5. Electrical characteristics at VCC+ = +5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C, and RL = 10 kΩ connected to VCC/2 (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Offset voltage TSX56xA, T = 25 °C 600 μV TSX56xA, -40 °C < T < 125 °C 1800 TSX56x, T = 25 °C 1 mV TSX56x, -40 °C < T < 125 °C 2.2 ΔVio/ΔT Input offset voltage drift -40 °C < T < 125 °C(1) 212 μV/°C ΔVio Long-term input offset voltage drift T = 25 °C(2) 5 Iio Input offset current (Vout = VCC/2) T = 25 °C 1 100(3) pA -40 °C < T < 125 °C 1 200(3) Iib Input bias current (Vout = VCC/2) T = 25 °C 1 100(3) -40 °C < T < 125 °C 1 200(3) CMR1 Common mode rejection ratio CMR = 20 log ( ΔVic/ΔVio) (Vic = -0.1 V to VCC - 1.5 V, Vout = VCC/2, RL > 1 MΩ) T = 25 °C 66 84 dB -40 °C < T < 125 °C 63 CMR2 Common mode rejection ratio CMR = 20 log ( ΔVic/ΔVio) (Vic = -0.1 V to VCC + 0.1 V, Vout = VCC/2, RL > 1 MΩ) T = 25 °C 50 69 -40 °C < T < 125 °C 47 Avd Large signal voltage gain (Vout = 0.5 V to (VCC - 0.5 V), RL > 1 MΩ) T = 25 °C 85 -40 °C < T < 125 °C 83 VOH High level output voltage (VOH = VCC - Vout) RL = 10 kΩ, T = 25 °C RL = 10 kΩ, -40 °C < T < 125 °C 70 100 mV VOL Low level output voltage RL = 10 kΩ, T = 25 °C RL = 10 kΩ, -40 °C < T < 125 °C 70 100 Iout Isink Vout = VCC, T = 25 °C 11 14 mA Vout = VCC, -40 °C < T < 125 °C 8 Isource Vout = 0 V, T = 25 °C 9 12 Vout = 0 V, -40 °C < T < 125 °C 7 ICC Supply current (per channel, Vout = VCC/2, RL > 1 MΩ) T = 25 °C 235 350 µA -40 °C < T < 125 °C 400 nV month --------------------------- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |