| Electronic Components Datasheet Search |
|
VIPER06XN Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06XN Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 28 page ![]() VIPER06 Automatic auto-restart after overload or short-circuit Doc ID 022794 Rev 1 19/28 14 Automatic auto-restart after overload or short-circuit The overload protection is implemented automatically using the integrated up-down counter. Every cycle, it is incremented or decremented depending upon the current logic detection of the limit condition or not. The limit condition is the peak drain current, IDlim , given in Table 7 on page 8 or the one set by the user through the RLIM resistor, shown in Figure 13 on page 11. After the reset of the counter, if the peak drain current is continuously equal to the level IDlim, the counter will be incremented until the fixed time, tOVL, at which point the power MOSFET switch ON will be disabled. It will be activated again through the soft-start after the tRESTART time (see Figure 25 and Figure 26 on page 19) and the time values mentioned in Table 7 on page 8. For overload or short-circuit events, the power MOSFET switching will be stopped after a period of time dependent upon the counter with a maximum equal to tOVL. The protection sequence continues until the overload condition is removed, see Figure 25 and Figure 26. This protection ensures a low repetition rate of restart attempts of the converter, so that it works safely with extremely low power throughput and avoids overheating the IC in case of repeated overload events. If the overload is removed before the protection tripping, the counter will be decremented cycle-by-cycle down to zero and the IC will not be stopped. Figure 25. Timing diagram: OLP sequence (IC externally biased) Figure 26. Timing diagram: OLP sequence (IC internally biased) time time V DD V DDon V DDCSon I DRAIN I Dlim_bm t 1 * * The time t 1 can be lower or equal to the time tOVL t RESTART t SS t OVL t RESTART t SS t OVL t RESTART t SS SHORT CIRCUIT OCCURS HERE SHORT CIRCUIT REMOVED HERE time time V DD V DDon V DDCSon I DRAIN I Dlim_bm t 1 * * The time t 1 can be lower than or equal to the time tOVL t RESTART t SS t OVL t RESTART t SS t OVL t RESTART t SS SHORT CIRCUIT OCCURS HERE SHORT CIRCUIT REMOVED HERE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |