Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VD5377 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 45Page - STMicroelectronics VD5377 Datasheet HTML 46Page - STMicroelectronics VD5377 Datasheet HTML 47Page - STMicroelectronics VD5377 Datasheet HTML 48Page - STMicroelectronics VD5377 Datasheet HTML 49Page - STMicroelectronics VD5377 Datasheet HTML 50Page - STMicroelectronics VD5377 Datasheet HTML 51Page - STMicroelectronics VD5377 Datasheet HTML 52Page - STMicroelectronics VD5377 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Doc ID 022952 Rev 2
49/88
VD5377
Basic start-up information
8.3
Reading X/Y motion data
The host can service motion data either by polling the motion signal on a regular basis or by
using the motion signal to generate a host interrupt. The procedure for reading X/Y motion
vectors is shown in Figure 20.
Figure 20. Reading X/Y motion
Note:
X/Y motion registers 0x21 and 0x22 must be read consecutively using a multiple location
I2C read sequence. See Section 11.4.4: Multiple location read on page 66.
X/Y motion data is stored internally in a 17-bit accumulator ensuring that no data is lost even
if the host CPU is delayed responding to motion. X/Y motion data is read from the
accumulator using register 0x21 and 0x22 (see Table 29). 0x21/0x22 are 8-bit registers
comprising 7 bits of data plus 1 sign bit. The X/Y_overflow bits (register 0x23 bits 0 and 1)
indicate when the X/Y motion registers are full and there is more than 1 byte of data to be
read. There is no overflow indicator for the accumulator but it is unlikely that an overflow will
ever happen in practice.
Read X/Y Motion
More Motion?
no
Exit
yes
Motion detected?
no
(registers 0x21/0x22)
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com