Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STWBC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 5Page - STMicroelectronics STWBC Datasheet HTML 6Page - STMicroelectronics STWBC Datasheet HTML 7Page - STMicroelectronics STWBC Datasheet HTML 8Page - STMicroelectronics STWBC Datasheet HTML 9Page - STMicroelectronics STWBC Datasheet HTML 10Page - STMicroelectronics STWBC Datasheet HTML 11Page - STMicroelectronics STWBC Datasheet HTML 12Page - STMicroelectronics STWBC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DocID027322 Rev 3
9/36
STWBC
Certified Qi A11 solution
36
3
Certified Qi A11 solution
The STWBC has been certified for Qi A11, thanks to the STEVAL-ISB027V1 reference
design. The certification is based on the Qi standard version 1.1.2 and supports FOD
(“Foreign Object Detection”).
The STEVAL-ISB027V1 reference design provides a complete kit which includes the
STWBC IC, firmware, layout, graphical interfaces and tools. The layout is based on a cost-
effective 2-layer PCB.
Firmware
The STWBC firmware is available in two separate software packages:
Turn-key: the firmware is distributed as a binary file.
API customizable: the firmware is designed as a library and external functions as well
as peripherals can be added by means of APIs.
The software APIs allow a great freedom of application customization. The STWBC and the
API library can be accessed by programming the internal controller via standard
programming tools such as the IAR™ Workbench® Studio.
Every STWBC wireless charging architecture is a reference design supported by firmware,
evaluation boards, application notes and PCB layouts notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com