Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS4S200S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS4S200S
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4S200S Datasheet(HTML) 1 Page - STMicroelectronics

  STPS4S200S Datasheet HTML 1Page - STMicroelectronics STPS4S200S Datasheet HTML 2Page - STMicroelectronics STPS4S200S Datasheet HTML 3Page - STMicroelectronics STPS4S200S Datasheet HTML 4Page - STMicroelectronics STPS4S200S Datasheet HTML 5Page - STMicroelectronics STPS4S200S Datasheet HTML 6Page - STMicroelectronics STPS4S200S Datasheet HTML 7Page - STMicroelectronics STPS4S200S Datasheet HTML 8Page - STMicroelectronics STPS4S200S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
August 2015
DocID027021 Rev2
1/13
13
STPS4S200
Power Schottky rectifier
Datasheet
− production data
Features
• Negligible switching losses
• High junction temperature capability
• Very small conduction losses
• Low leakage current
• Avalanche rated
• ECOPACK® compliant component (SMC and
SMBflat)
• Tj = -40 °C minimum operating
Description
This device is a 200 V Schottky rectifier suited for
switch mode power supplies and high frequency
DC to DC converters.
Packaged in DPAK, SMC and SMBflat, this
device is especially intended for use in low
voltage, high frequency inverters, freewheeling
and polarity protection. Also ideal for all LED
lighting applications.
Table 1. Device summary
Symbol
Value
IF(AV)
4 A
VRRM
200 V
VF (typ)
0.64 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STPS4S200S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS4S200S STMICROELECTRONICS-STPS4S200S Datasheet
596Kb / 16P
4 A - 200 V power Schottky rectifier
18-Jul-2023
More results

Similar Description - STPS4S200S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com