Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3750 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 15Page - Microchip Technology USB3750 Datasheet HTML 16Page - Microchip Technology USB3750 Datasheet HTML 17Page - Microchip Technology USB3750 Datasheet HTML 18Page - Microchip Technology USB3750 Datasheet HTML 19Page - Microchip Technology USB3750 Datasheet HTML 20Page - Microchip Technology USB3750 Datasheet HTML 21Page - Microchip Technology USB3750 Datasheet HTML 22Page - Microchip Technology USB3750 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 19
USB375x
4.4.2.2
I2C Write Command
Similar to the read commands, the slave supports two types of write commands. The single write command is show in
Figure 4-9. The slave will always ACK the write data. Only the lower 4 bits of the register address are decoded. Writes
to undefined and read-only registers will be ignored.
The continuous write is shown in Figure 4-10. In this case after the ACK of the write data, the master will drive the next
register address. The continuous write will be terminated when the master asserts a STOP.
4.4.3
I2C ADDRESS
The default I2C address is 1101000. The two LSB are set by the OTP registers.
FIGURE 4-8:
I2C CONTINUOUS READ
FIGURE 4-9:
I2C SINGLE WRITE
FIGURE 4-10:
I2C CONTINUOUS WRITE
TABLE 4-2:
I2C ADDRESS
MSB
LSB
11010
0
0
R/W
ACK
S
Register Addr [X]
ACK
7-bit Slave ID
0
R/W
R/W
P
Driven By
Master
Driven By
Slave
P
7-bit Slave ID
ACK
S
1
NACK
Register [X] Value
Register [X+1]
Value
ACK
P
R/W
Register [X] Value
ACK
Register X Addr
7-bit Slave ID
Driven By
Master
Driven By
Slave
S
0
ACK
ACK
AC K
S
R egi s t er A d d r
[ X ]
AC K
7 - bi t S l a v e
I D
0
R/ W
R/ W
P
Dr i v e n
B y
Ma s t e r
D r i v en
B y
Sl a v e
P
7- b i t S l av e
I D
AC K
S
1
NA CK
R e g i s t e r [X ] V a l u e
R e g i s t e r [ X + 1 ]
Va l u e
AC K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com