Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3740B Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 3Page - Microchip Technology USB3740B Datasheet HTML 4Page - Microchip Technology USB3740B Datasheet HTML 5Page - Microchip Technology USB3740B Datasheet HTML 6Page - Microchip Technology USB3740B Datasheet HTML 7Page - Microchip Technology USB3740B Datasheet HTML 8Page - Microchip Technology USB3740B Datasheet HTML 9Page - Microchip Technology USB3740B Datasheet HTML 10Page - Microchip Technology USB3740B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
 2011 - 2015 Microchip Technology Inc.
DS00001725D-page 7
USB3740B
4.0
GENERAL OPERATION
The USB3740B is a high bandwidth switch suitable for many applications, including High Speed USB. The mux allows
high speed signals to pass through and still meet HS USB signaling requirements.
The USB3740B will protect the system from ESD stress events on all DP and DM pins. The USB3740B provides ESD
protection to the IEC-61000 ESD specification.
The USB mux is designed to pass High Speed USB signals to the USB connector, and allows for two USB inputs to be
multiplexed into one USB output.
The USB Mux is designed to pass USB signals from 0 to VDD. It is not designed to pass signals that go above VDD or
below ground.
The USB3740B switches are controlled by the digital signals OE_N and S, as shown in Table 4-1.
TABLE 4-1:
USB3740B SWITCH STATES DEFINITION
OE_N
S
Switch State
1
X
STANDBY:
• Both switch paths disconnected.
• Lowest power state
0
0
DP = DP1, DM = DM1:
0
1
DP = DP2, DM = DM2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com