| Electronic Components Datasheet Search |
|
SIO1007 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SIO1007 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 108 page ![]() SIO1007 DS00002020A-page 8 2005 - 2015 Microchip Technology Inc. 6,3,1, 63 DLAD[3:0] Active high LPC signals used for multiplexed command, address and data bus between this device and the Docking LPC SIO. VCC VCC 4-3 13 nDLFRAME Active low signal indicates start of new cycle and termination of broken cycle to the Docking LPC SIO. VCC VCC 4-3 11 nDLDRQ1 Active low signal between this device and the LPC Host used for encoded DMA/Bus Master request for docking LPC Super I/O to the LPC Host. VCC VCC 4-3 9 DLPC_CLK_33 Dedicated PCI clock switch output between this device and the Docking LPC SIO. VCC 4-3 15 nDCLKRUN This signal between this device and the Docking LPC SIO is used to indicate the PCI clock status and to request that a stopped clock be started. VCC VCC 4-3 26 DSIO_14M Buffered 14 Mhz clock output between this device and the Docking LPC SIO. O24 VCC SERIAL PORT INTERFACE (8) 59 nDCD1 Active low Data Carrier Detect inputs for the serial port. Handshake signal which notifies the UART that carrier signal is detected by the modem. The CPU can monitor the status of nDCD signal by reading bit 7 of Modem Status Register (MSR). A nDCD signal state change from low to high after the last MSR read will set MSR bit 3 to a 1. If bit 3 of Interrupt Enable Register is set, the interrupt is generated when nDCD changes state. Note: Bit 7 of MSR is the complement of nDCD. I VCC N/A 54 nDSR1 Active low Data Set Ready inputs for the serial port. Handshake signal, which notifies the UART that the modem is ready to establish the communication link. The CPU can monitor the status of nDSR signal by reading bit 5 of Modem Status Register (MSR). A nDSR signal state change from low to high after the last MSR read will set MSR bit 1 to a 1. If bit 3 of Interrupt Enable Register is set, the interrupt is generated when nDSR changes state. Note: Bit 5 of MSR is the complement of nDSR. I VCC N/A 52 RXD1 Receiver serial data input for port 1. IS VCC N/A TABLE 4-1: PIN FUNCTIONS (CONTINUED) STQFP Pin # Name Description Buffer Name Input Buffer Power Well Output Buffer Power Well Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |