| Electronic Components Datasheet Search |
|
EM346-RTR Datasheet(PDF) 54 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM346-RTR Datasheet(HTML) 54 Page - Silicon Laboratories |
|
54 / 142 page ![]() EM346 54 Rev 1.0 operation, but has other miscellaneous control bits as well. GPIO_DBGSTAT, a read-only register, returns status related to debugger activity (GPIO_FORCEDBG and GPIO_SWEN), as well a flag (GPIO_BOOTMODE) indicating whether nBOOTMODE was asserted at the last power-on or nRESET-based reset. 7.10. GPIO Signal Assignment Summary The GPIO signal assignments are shown in Table 7.4. Table 7.4. GPIO Signal Assignments GPIO Analog Alternate Output Input Output Current Drive PA4 PTI_EN, TRACEDATA2 Standard PA5 PTI_DATA, TRACEDATA3 nBOOTMODE1 Standard PA7 REG_EN2 High PB0 TRACECLK IRQA Standard PB1 SC1TXD, SC1MOSI, SC1MISO, SC1SDA SC1SDA Standard PB2 SC1SCLK SC1MISO, SC1MOSI, SC1SCL, SC1RXD Standard PB3 SC1SCLK SC1SCLK, SC1nCTS Standard PB4 SC1nRTS SC1nSSEL Standard PC0 TRACEDATA1 JRST3 High PC1 TRACEDATA0, SWO Standard PC2 JTDO4, SWO Standard PC3 JTDI3 Standard PC4 SWDIO5 SWDIO5, JTMS5 Standard PC5 TX_ACTIVE Standard PC6 OSC32B nTX_ACTIVE Standard PC7 OSC32A Standard Notes: 1. Overrides during reset as an input with pull up. 2. Overrides after reset as an open-drain output. 3. Overrides in JTAG mode as a input with pull up. 4. Overrides in JTAG mode as a push-pull output. 5. Overrides in Serial Wire mode as either a push-pull output, or a floating input, controlled by the debugger. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |