Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM342-RTR Datasheet(PDF) 102 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 102 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 98Page - Silicon Laboratories EM342-RTR Datasheet HTML 99Page - Silicon Laboratories EM342-RTR Datasheet HTML 100Page - Silicon Laboratories EM342-RTR Datasheet HTML 101Page - Silicon Laboratories EM342-RTR Datasheet HTML 102Page - Silicon Laboratories EM342-RTR Datasheet HTML 103Page - Silicon Laboratories EM342-RTR Datasheet HTML 104Page - Silicon Laboratories EM342-RTR Datasheet HTML 105Page - Silicon Laboratories EM342-RTR Datasheet HTML 106Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 143 page
background image
EM342
102
Rev 1.0
The NVIC also contains a software-configurable interrupt prioritization mechanism. The Reset, NMI, and Hard
Fault exceptions, in that order, are always the highest priority, and are not software-configurable. All other
exceptions can be assigned a 5-bit priority number, with low values representing higher priority. If any exceptions
have the same software-configurable priority, then the NVIC uses the hardware-defined priority. The hardware-
defined priority number is the same as the position of the exception in the exception table. For example, if IRQA
and IRQC both fire at the same time and have the same software-defined priority, the NVIC handles IRQA, with
priority number 28, first because it has a higher hardware priority than IRQC with priority number 30.
The top-level interrupts are controlled through five ARM® CortexTM-M3 NVIC registers: INT_CFGSET,
INT_CFGCLR, INT_PENDSET, INT_PENDCLR, and INT_ACTIVE. Writing 0 into any bit in any of these five
register is ineffective.

INT_CFGSET—Writing 1 to a bit in INT_CFGSET enables that top-level interrupt.

INT_CFGCLR—Writing 1 to a bit in INT_CFGCLR disables that top-level interrupt.

INT_PENDSET—Writing 1 to a bit in INT_PENDSET triggers that top-level interrupt.

INT_PENDCLR—Writing 1 to a bit in INT_PENDCLR clears that top-level interrupt.

INT_ACTIVE cannot be written to and is used for indicating which interrupts are currently active.
INT_PENDSET and INT_PENDCLR set and clear a simple latch; INT_CFGSET and INT_CFGCLR set and clear a
mask on the output of the latch. Interrupts may be pended and cleared at any time, but any pended interrupt will
not be taken unless the corresponding mask (INT_CFGSET) is set, which allows that interrupt to propagate. If an
INT_CFGSET bit is set and the corresponding INT_PENDSET bit is set, then the interrupt will propagate and be
taken. If INT_CFGSET is set after INT_PENDSET is set, then the interrupt will also propagate and be taken.
Interrupt flags (signals) from the top-level interrupts are level-sensitive.
The second-level interrupt registers, which provide control of the second-level Event Manager peripheral interrupts,
are described in “9.2. Event Manager” .
For further information on the NVIC and ARM® CortexTM-M3 exceptions, refer to the ARM® CortexTM-M3 Technical
Reference Manual and the ARM ARMv7-M Architecture Reference Manual.
9.2. Event Manager
While the standard ARM® CortexTM-M3 Nested Vectored Interrupt Controller provides top-level interrupts into the
CPU, the proprietary Event Manager provides second-level interrupts. The Event Manager takes a large variety of
hardware interrupt sources from the peripherals and merges them into a smaller group of interrupts in the NVIC.
Effectively, all second-level interrupts from a peripheral are “ORd” together into a single interrupt in the NVIC. In
addition, the Event Manager provides missed indicators for the top-level peripheral interrupts with the register
INT_MISS.
The description of each peripheral's interrupt configuration and flag registers can be found in the chapters of this
datasheet describing each peripheral. Figure 9.1 shows the Peripheral Interrupts Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com