Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM342-RTR Datasheet(PDF) 69 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 69 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 65Page - Silicon Laboratories EM342-RTR Datasheet HTML 66Page - Silicon Laboratories EM342-RTR Datasheet HTML 67Page - Silicon Laboratories EM342-RTR Datasheet HTML 68Page - Silicon Laboratories EM342-RTR Datasheet HTML 69Page - Silicon Laboratories EM342-RTR Datasheet HTML 70Page - Silicon Laboratories EM342-RTR Datasheet HTML 71Page - Silicon Laboratories EM342-RTR Datasheet HTML 72Page - Silicon Laboratories EM342-RTR Datasheet HTML 73Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 143 page
background image
EM342
Rev 1.0
69
8.2. Configuration
Before using a serial controller, configure and initialize it as follows:
1. Set up the parameters specific to the operating mode (slave for SPI, baud rate for UART, etc.).
2. Configure the GPIO pins used by the serial controller as shown in Tables 8.1.
"7.2. Configuration" on page 49 shows how to configure GPIO pins.
3. If using DMA, set up the DMA and buffers. This is described fully in "8.5. DMA Channels" on page 86.
4. If using interrupts, select edge- or level-triggered interrupts with the SCx_INTMODE register, enable the
desired second-level interrupt sources in the INT_SCxCFG register, and finally enable the top-level SCx
interrupt in the NVIC.
5. Write the serial interface operating mode (SPI or UART) to the SCx_MODE register.
Table 8.1. SC1 GPIO Usage and Configuration
PB1
PB2
PB3
PB4
SPI - Slave
SC1MISO
Alternate Output
(push-pull)
SC1MOSI
Input
SC1SCLK
Input
SC1nSSEL
Input
UART
TXD
Alternate Output
(push-pull)
RXD
Input
nCTS
Input1
nRTS
Alternate Output
(push-pull)*
*Note: used if RTS/CTS hardware flow control is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com