| Electronic Components Datasheet Search |
|
EM341-RTR Datasheet(PDF) 201 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341-RTR Datasheet(HTML) 201 Page - Silicon Laboratories |
|
201 / 237 page ![]() EM341 Rev 1.0 113 10. Trace Port Interface Unit (TPIU) The EM341 integrates the standard ARM® Trace Port Interface Unit (TPIU). The TPIU receives a data stream from the on-chip trace data generated by the standard ARM® Instrument Trace Macrocell (ITM), buffers the data in a FIFO, formats the data, and serializes the data to be sent off-chip through alternate functions of the GPIO. Since the primary function of the TPIU is to provide a bridge between on-chip ARM system debug components and external GPIO, the TPIU itself does not generate data. Figure 10.1 illustrates the three primary components of the TPIU. Figure 10.1. TPIU Block Diagram The TPIU is composed of: Asynchronous FIFO: The asynchronous FIFO receives a data stream generated by the ITM and enables the trace data to be sent off-chip at a speed that is not dependent on the speed of the data source. Formatter: The formatter inserts source ID signals into the data packet stream so that trace data can be re- associated with its trace source. Since the EM341 has only one trace source, the ITM, it is not necessary to use the formatter, and, therefore, the formatter only adds overhead into the data stream. Since certain modes of the TPIU automatically enable the formatter, these modes should be avoided whenever possible. Trace Out: The trace out block serializes the data and sends it off-chip by the proper alternate output GPIO functions. The six pins available to the TPIU are: SWO TRACECLK TRACEDATA0 TRACEDATA1 TRACEDATA2 TRACEDATA3 Since these pins are alternate outputs of GPIO, refer to "17. Pin Definitions" on page 121 and "7. GPIO (General Purpose Input/Output)" on page 48 for complete pin descriptions and configurations. Notes: 1. The SWO alternate output is mirrored on GPIO PC1 and PC2. 2. GPIO PC1 shares both the SWO and TRACEDATA0 alternate outputs. This is possible because SWO and TRACEDATA0 are mutually exclusive, and only one may be selected at a time in the trace-out block. The Ember software utilizes the TPIU to efficiently output debug data. Altering the TPIU configuration may conflict with Ember debug output. For further information on the TPIU, contact Silicon Labs support for the ARM® CortexTM-M3 Technical Reference Manual, the ARM® CoreSightTM Components Technical Reference Manual, the ARM® v7-M Architecture Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual. Asynchronous FIFO Formatter ITM Trace Out (Serializer) TRACECLK TRACEDATA2 TRACEDATA3 TRACEDATA1 TRACEDATA0 SWO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |