| Electronic Components Datasheet Search |
|
EM341-RTR Datasheet(PDF) 90 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341-RTR Datasheet(HTML) 90 Page - Silicon Laboratories |
|
90 / 237 page ![]() EM341 Rev 1.0 91 8.6. UART—Universal Asynchronous Receiver/Transmitter The SC1 UART is enabled by writing 1 to SC1_MODE. The SC2 serial controller does not include UART functions. The UART supports the following features: Flexible baud rate clock (300 bps to 921.6 kbps) Data bits (7 or 8) Parity bits (none, odd, or even) Stop bits (1 or 2) False start bit and noise filtering Receive and transmit FIFOs Optional RTS/CTS flow control Receive and transmit DMA channels 8.6.1. GPIO Usage The UART uses two signals to transmit and receive serial data: TXD (Transmitted Data) - serial data sent by the EM341 RXD (Received Data) - serial data received by the EM341 If RTS/CTS flow control is enabled, these two signals are also used: nRTS (Request To Send) - indicates the EM341 is able to receive data nCTS (Clear To Send) - inhibits sending data from the EM341 if not asserted The GPIO pins assigned to these signals are shown in Table 8.10. Table 8.10. UART GPIO Usage TXD RXD nCTS1 nRTS* Direction Output Input Input Output GPIO Configuration Alternate Output (push-pull) Input Input Alternate Output (push-pull) SC1 pin PB1 PB2 PB3 PB4 *Note: Only used if RTS/CTS hardware flow control is enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |