Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM341 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 45Page - Silicon Laboratories EM341 Datasheet HTML 46Page - Silicon Laboratories EM341 Datasheet HTML 47Page - Silicon Laboratories EM341 Datasheet HTML 48Page - Silicon Laboratories EM341 Datasheet HTML 49Page - Silicon Laboratories EM341 Datasheet HTML 50Page - Silicon Laboratories EM341 Datasheet HTML 51Page - Silicon Laboratories EM341 Datasheet HTML 52Page - Silicon Laboratories EM341 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 237 page
background image
EM341
50
Rev 1.0
For outputs assigned to the serial controllers, the serial interface mode registers (SCx_MODE) determine how the
GPIO pins are used.
The alternate outputs of PA4 and PA5 can either provide packet trace data (PTI_EN and PTI_DATA) or
synchronous CPU trace data (TRACEDATA2 and TRACEDATA3). The selection of packet trace or CPU trace is
made through the Ember software.
If a GPIO does not have an associated peripheral in alternate output mode, its output is set to 0.
7.3. Forced Functions
For some GPIOs, the GPIO_PxCFGH/L configuration will be overridden. These functions are forced when the
EM341 is reset and remain forced until software overrides the forced functions. Table 7.3 shows the GPIOs that
have different functions forced on them regardless of the GPIO_PxCFGH/L registers.
PA7 is forced to be the regulator enable signal, REG_EN. If an external regulator is used and controlled through
REG_EN, PA7’s forced functionality must not be overridden. If an external regulator is not used, REG_EN may be
disabled and PA7 may be reclaimed as a normal GPIO. Disabling REG_EN is done by clearing the bit
GPIO_EXTREGEN in the GPIO_DBGCFG register.
PC0, PC2, PC3, and PC4 are forced to be the Serial Wire and JTAG (SWJ) Interface. When the EM341 resets,
these four GPIOs are forced to operate in JTAG mode. Switching the debug interface between JTAG mode and
Serial Wire mode can only be accomplished by the external debug tool and cannot be affected by software
executing on the EM341. Due to the fact that Serial Wire mode can only be invoked by an external debug tool and
JTAG mode is forced when the EM341 resets, a designer must treat all four debug GPIOs as working in unison
even though the Serial Wire interface only uses one of the GPIO, PC4.
Table 7.2. Timer 2 Output Configuration Controls
Timer 2 Output
Option Register Bit
GPIO Mapping Selected by TIM2_OR Bit
0
1
TIM2C1
TIM2_OR[4]
PA0
PB1
TIM2C2
TIM2_OR[5]
PA3
PB2
TIM2C3
TIM2_OR[6]
PA1
PB3
TIM2C4
TIM2_OR[7]
PA2
PB4
Table 7.3. GPIO Forced Functions
GPIO
Forced Mode
Forced Signal
PA7
Open-drain output
REG_EN
PC0
Input with pull up
JRST
PC2
Push-pull output
JTDO
PC3
Input with pull up
JDTI
PC4*
Input with pull up
JTMS
PC4*
Bidirectional (push-pull output or floating input) controlled by debugger interface
SWDIO
*Note: The choice of PC4’s forced signal is controlled by an external debug tool. JTMS is forced when the SWJ is in JTAG
mode, and SWDIO is forced when the SWJ is in Serial Wire mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com