| Electronic Components Datasheet Search |
|
H7CX-R11-N Datasheet(PDF) 46 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11-N Datasheet(HTML) 46 Page - Omron Electronics LLC |
|
46 / 56 page ![]() 46 H7CX-R @-N Startup Time ( stmr) In order to prevent undesired output resulting from unstable input immediately after the power supply is turned ON, measurement can be prohibited for a set time at startup. It can also be used to stop measurement and disable output until the rotating body reaches the normal rate of rotation, after the power supply to the H7CX and rotating body are turned ON at the same time. Peak/bottom Hold Enabled ( dhld) This function records the peak and bottom (i.e., minimum) values after counting starts (after turning ON the power supply or changing the configuration selection mode or function setting). The peak value is also held when the power supply is interrupted. Output Hysteresis ( hys) This setting can be used to prevent output chattering if the measurement value fluctuates slightly near the set value. In Thachometer Mode, the measurement value after prescaling is set. Output OFF Delay ( offd) This function delays the timing for turning OFF comparative output by a certain time. The ON time can be held for the set time if the comparative result changes in a short time. Operation will continue and outputs will not change while holding the value. Set Value Upper Limit ( sl-h) Set the upper limit for the set value when it is set in run mode. Key Protect Level ( ypt) Set the key protect level. Refer to Key Protect Level on page page 48. Output ON Count Alarm Set Value ( on-a) Set the alarm value for the output ON count. The limit can be set to between 0 × 1000 (0 times) and 9999 × 1000 (9,999,000 times). Only the underlined values are set. The alarm will be disabled if 0 is set. If the total ON count of the output exceeds the alarm set value, e3 will be displayed on the Timer to indicate that the output ON count alarm value was exceeded. Refer to Self-diagnostic Function on page page 48 for information on the e3 display. ON Count Alarm Set Values for Outputs 1 and 2 (OUT1 and OUT2) ( on1a and on2a) Set the ON count alarm values for the outputs 1 and 2. The limit can be set to between 0 × 1000 (0 times) and 9999 × 1000 (9,999,000 times). Only the underlined values are set. The alarm will be disabled if 0 is set. If the total ON count of instantaneous output 1 or 2 exceeds the alarm set value, e3 will be displayed on the Timer to indicate that the output ON count alarm value was exceeded. Refer to Self-diagnostic Function on page page 48 for information on the e3 display. Output ON Count Monitor Value ( on-c) The monitor value is only displayed. It cannot be set. The output ON count will be 1,000 times the displayed value. ON Count Monitor Values for Outputs 1 and 2 (OUT1 and OUT2) ( on1c and on2c) The monitor value for output 1 or 2 is only displayed. It cannot be set. The output ON count will be 1,000 times the displayed value. Startup time Display Time Comparison value (lower limit) Output (lower limit) Power supply OUTX1 OUTY2 Display value Comparison value 2 Hysteresis Hysteresis Comparison value 1 Set the hysteresis for when the output turns OFF. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |