Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA201 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA201
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA201 Datasheet HTML 17Page - Texas Instruments INA201 Datasheet HTML 18Page - Texas Instruments INA201 Datasheet HTML 19Page - Texas Instruments INA201 Datasheet HTML 20Page - Texas Instruments INA201 Datasheet HTML 21Page - Texas Instruments INA201 Datasheet HTML 22Page - Texas Instruments INA201 Datasheet HTML 23Page - Texas Instruments INA201 Datasheet HTML 24Page - Texas Instruments INA201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
*Time
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.2
0.4
0.6
0.8
1
1.2
Comp_IN
I_Load
CMP_OUT
OUT
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
Typical Application (continued)
8.2.2 Detailed Design Procedure
Figure 33 shows the basic connections of the device. The input terminals, IN+ and IN –, should be connected as
closely as possible to the current-sensing resistor to minimize any resistance in series with the shunt resistance.
Additional resistance between the current-sensing resistor and input terminals can result in errors in the
measurement. When input current flows through this external input resistance, the voltage developed across the
shunt resistor can differ from the voltage reaching the input terminals.
Use the Gain of the INA20x and shunt value to calculate the OUT voltage for the desired trip current. Configure
R1 and R2 so that the current trip point is equal the 0.6-V reference voltage.
8.2.3 Application Curve
Figure 34. Low-Side Switch Overcurrent Shutdown Response
9 Power Supply Recommendations
The input circuitry of the INA200, INA201, and INA202 devices can accurately measure beyond the power-supply
voltage, Vs. For example, the Vs power supply can be 5 V, whereas the load power-supply voltage is up to 80 V.
The output voltage range of the OUT pin, however, is limited by the voltages on the power-supply pin.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com