Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16F72 Datasheet(PDF) 21 Page - Microchip Technology

Part # 16F72
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F72 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 16F72 Datasheet HTML 17Page - Microchip Technology 16F72 Datasheet HTML 18Page - Microchip Technology 16F72 Datasheet HTML 19Page - Microchip Technology 16F72 Datasheet HTML 20Page - Microchip Technology 16F72 Datasheet HTML 21Page - Microchip Technology 16F72 Datasheet HTML 22Page - Microchip Technology 16F72 Datasheet HTML 23Page - Microchip Technology 16F72 Datasheet HTML 24Page - Microchip Technology 16F72 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 19
PIC16F72
2.3.1
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset
to the program counter (ADDWF PCL). When doing a
table read using a computed GOTO method, care
should be exercised if the table location crosses a PCL
memory boundary (each 256-byte block). Refer to the
Application
Note,
“Implementing
a
Table
Read"
(AN556).
2.3.2
STACK
The stack allows a combination of up to eight program
calls and interrupts to occur. The stack contains the
return address from this branch in program execution.
Mid-range devices have an 8-level deep x 13-bit wide
hardware stack. The stack space is not part of either
program or data space and the stack pointer is not
readable or writable. The PC is PUSH’d onto the stack
when a CALL instruction is executed, or an interrupt
causes a branch. The stack is POP’d in the event of a
RETURN,
RETLW
or a RETFIE instruction execution.
PCLATH is not modified when the stack is PUSH’d or
POP’d.
After the stack has been PUSH’d eight times, the ninth
push overwrites the value that was stored from the first
push. The tenth push overwrites the second push (and
so on). An example of the overwriting of the stack is
shown in Figure 2-4.
FIGURE 2-4:
STACK MODIFICATION
2.4
Program Memory Paging
The CALL and GOTO instructions provide 11 bits of
address to allow branching within any 2K program
memory page. When doing a CALL or GOTO instruction,
the upper two bits of the address are provided by
PCLATH<4:3>. When doing a CALL or GOTO instruc-
tion, the user must ensure that the page select bits are
programmed so that the desired program memory
page is addressed. If a return from a CALL instruction
(or interrupt) is executed, the entire 13-bit PC is pushed
onto the stack.
Therefore,
manipulation
of
the
PCLATH<4:3> bits is not required for the return
instructions (which POPs the address from the stack).
2.5
Indirect Addressing, INDF and
FSR Registers
The INDF register is not a physical register. Address-
ing INDF actually addresses the register whose
address is contained in the FSR register (FSR is a
pointer). This is indirect addressing.
A simple program to clear RAM locations 20h-2Fh
using indirect addressing is shown in Example 2-1.
EXAMPLE 2-1:
INDIRECT ADDRESSING
An effective 9-bit address is obtained by concatenating
the 8-bit FSR register and the IRP bit (STATUS<7>), as
shown in Figure 2-5.
Note 1: There are no status bits to indicate stack
overflow or stack underflow conditions.
2: There are no instructions/mnemonics
called PUSH or POP. These are actions
that occur from the execution of the
CALL,
RETURN,
RETLW
and RETFIE
instructions, or the vectoring to an
interrupt address.
Push1 Push9
Push2 Push10
Push3
Push4
Push5
Push6
Push7
Push8
Top-of-Stack
Stack
Note:
The PIC16F72 device ignores the paging
bit
PCLATH<4:3>.
The
use
of
PCLATH<4:3> as a general purpose read/
write bit is not recommended, since this
may affect upward compatibility with future
products.
movlw
0x20
;initialize pointer
movwf
FSR
;to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR
;inc pointer
btfss
FSR,4 ;all done?
goto
NEXT
;NO, clear next
CONTINUE
:
;YES, continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com