Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5338 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5338
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5338 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5338 Datasheet HTML 1Page - Cirrus Logic CS5338 Datasheet HTML 2Page - Cirrus Logic CS5338 Datasheet HTML 3Page - Cirrus Logic CS5338 Datasheet HTML 4Page - Cirrus Logic CS5338 Datasheet HTML 5Page - Cirrus Logic CS5338 Datasheet HTML 6Page - Cirrus Logic CS5338 Datasheet HTML 7Page - Cirrus Logic CS5338 Datasheet HTML 8Page - Cirrus Logic CS5338 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Units
Typ
Min
Symbol
Parameter
Max
V
V
-
-
-
VOH
V OL
High-Level Output Voltage at Io = -20uA
Low-Level Output Voltage at Io = 20uA
-
0.1
uA
1.0
-
Iin
Input Leakage Current
V
V
-
-
70%VD+
-
VIL
VIH
Low-Level Input Voltage
High-Level Input Voltage
-
30% VD+
4.4
-
DIGITAL FILTER CHARACTERISTICS
(TA = 25
° C; VA+, VL+ ,VD+ = 5V ± 5%; VA- = -5V ± 5%; Output word rate of 48 kHz)
DIGITAL CHARACTERISTICS
(TA = 25
°C; VA+, VL+ ,VD+ = 5V ± 5%; VA- = -5V ± 5%)
Parameter
Units
Typ
Symbol
Min
Max
Passband Ripple
0.01
dB
Passband
kHz
kHz
Stopband
CS5336
CS5338, CS5339
26
3046
28
3044
kHz
kHz
Stopband Attenuation
80
dB
(Note 3)
Group Delay (OWR = Output Word Rate)
18/OWR
s
Group Delay Variation vs. Frequency
0.0
us
t gd
t gd
0
22
kHz
0
24
kHz
CS5336
CS5338, CS5339
(-3 dB)
(-3 dB)
0
20
0
22
CS5336
CS5338, CS5339
(-0.01 dB)
(-0.01 dB)
to
to
to
to
-
-
to
to
--
-
-
--
+
_
Notes:
3. The analog modulator samples the input at 3.072MHz for an output word rate of 48 kHz. There is
no rejection of input signals which are multiples of the sampling frequency (that is: there is
no rejection for n x 3.072MHz
±22kHz for the CS5338 & CS5339, or n x 3.072MHz ±20.0kHz for the
CS5336, where n = 0,1,2,3...).
ABSOLUTE MAXIMUM RATINGS (AGND, LGND, DGND = 0V, all voltages with respect to GND)
Parameter
Input Current, Any Pin Except Supplies
DC Power Supplies:
Analog Input Voltage (AIN and ZERO pins)
Digital Input Voltage
Storage Temperature
Ambient Temperature (power applied)
mA
Units
V
V
C
C
Positive Logic
V
Positive Digital
V
Negative Analog
Positive Analog
V
V
Min
-
(VA- )- 0.3
-0.3
-0.3
+0.3
-0.3
-0.3
-55
-65
Symbol
I
in
VINA
VIND
TA
Tstg
VL+
VD+
VA+
VA-
Max
+150
+125
(VA+ )+ 0.3
(VD+) + 0.3
(VA+) + 0.3
+6.0
-6.0
+6.0
+
_ 10
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS5336, CS5338, CS5339
DS23F1
3-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com