Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5338-KS Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5338-KS
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5338-KS Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5338-KS Datasheet HTML 24Page - Cirrus Logic CS5338-KS Datasheet HTML 25Page - Cirrus Logic CS5338-KS Datasheet HTML 26Page - Cirrus Logic CS5338-KS Datasheet HTML 27Page - Cirrus Logic CS5338-KS Datasheet HTML 28Page - Cirrus Logic CS5338-KS Datasheet HTML 29Page - Cirrus Logic CS5338-KS Datasheet HTML 30Page - Cirrus Logic CS5338-KS Datasheet HTML 31Page - Cirrus Logic CS5338-KS Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
DACK
13
13
OE
Q
H
G
Q
F
Q
E
Q
D
Q
C
Q
B
Q
A
Q
U4
74HC595
7
6
5
4
3
2
1
15
14
OE
Q H
G
Q
F
Q
E
Q
D
Q
C
Q
B
Q
A
Q
DIN
7
6
5
4
3
2
1
15
C16
11
Shift CLK
U5
74HC595
(MSB)
VD+
16
VCC
8 GND
10 SRCLR
12
Latch CLK
11
Shift CLK
12
Latch CLK
10
SRCLR
8
GND
VD+
16 VCC
14
DIN
9
DOUT
DOUT
9
1
2
U7A
74HC14
P2
VD+
R12
SDATA
C17
0.1uF
0.1uF
DRDY
DRDY
VD+
7
14
0.1uF
C18
L/R
L/R
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VD+
R15
Z
X
Y
X
Z
Y
RP2
68
DIP Resistor
RP3
68
DIP Resistor
4
VD+
R11
47k
VD+
0.1 uF
CLK
U6A
74HC74
D
3
2
6
5
PRE
1
CLR
Q
Q
C19
7
14
CLK
U6B
74HC74
D
PRE
CLR
Q
10
11
12
13
8
9
Q
PIN17
PIN20
FSYNC
ICLKD
U1
U1
U12A
CLR
PRE
GND
VCC
Q
D
VD+
0.1 uF
Q
R11
47 k
47 k
VD+
L/R
PIN14
U1
2
3
47
14
6
5
1
B
L
R
VD+
47k
68
R13
68
R14
P5
65
U7C
C29
P1
P4
CLK
Figure 6. Parallel Output Interface
CDB5336,8,9
3-66
DS23DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com