Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PHT
Description  High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHT Datasheet(HTML) 3 Page - Vishay Siliconix

  PHT Datasheet HTML 1Page - Vishay Siliconix PHT Datasheet HTML 2Page - Vishay Siliconix PHT Datasheet HTML 3Page - Vishay Siliconix PHT Datasheet HTML 4Page - Vishay Siliconix PHT Datasheet HTML 5Page - Vishay Siliconix PHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PHT
www.vishay.com
Vishay Sfernice
Revision: 14-Jan-15
3
Document Number: 53050
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DERATING CURVE
DIMENSIONS in millimeters (inches)
SUGGESTED LAND PATTERN (TO IPC-7351A)
Caution:
Performances obtained with following mounting conditions:
PCB: polyimide
Solder paste: PbSnAg (93.5/5/1.5)
CASE SIZE
AB
C
D/E
MAX. TOL.
+0.152 (+0.006)
MIN. TOL.
-0.152 (-0.006)
MAX. TOL.
+0.127 (+0.005)
MIN. TOL.
-0.127 (-0.005)
NOMINAL
NOMINAL
NOMINAL
TOLERANCE
0402
1.00 (0.039)
0.60 (0.024)
Termination N:
0.5 (0.02)
± 0.127 (0.005)
Termination G:
0.4 (0.016)
± 0.051 (0.002)
0.25 (0.010)
0.1 (0.004)
0603
1.52 (0.060)
0.85 (0.033)
0.38 (0.015)
0.13 (0.005)
0805
1.91 (0.075)
1.27 (0.050)
1206
3.06 (0.120)
1.60 (0.063)
0.40 (0.016)
2010
5.08 (0.200)
2.54 (0.100)
0.48 (0.019)
CHIP SIZE
DIMENSIONS (in millimeter)
Zmax.
Gmin.
Xmax.
0402
1.55
0.15
0.73
0603
2.37
0.35
0.98
0805
2.76
0.74
1.40
1206
3.91
1.85
1.73
2010
5.93
3.71
2.67
Ambient Temperature in °C
350
300
250
200
150
100
50
0
50
200
100
250
0150
A
D
D
C
E
E
B
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com